Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS650 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MPS650
Description  COMPLEMENTARY SILICON TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MPS650 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MPS650_15 Datasheet HTML 1Page - Central Semiconductor Corp MPS650_15 Datasheet HTML 2Page - Central Semiconductor Corp MPS650_15 Datasheet HTML 3Page - Central Semiconductor Corp MPS650_15 Datasheet HTML 4Page - Central Semiconductor Corp MPS650_15 Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MPS650 MPS651
NPN
MPS750 MPS751
PNP
COMPLEMENTARY
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR MPS650, MPS750
series devices are complementary silicon transistors
designed for general purpose amplifier and switching
applications requiring high gain at high collector current.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
MPS650
MPS651
SYMBOL
MPS750
MPS751
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
40
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
2.0
A
Power Dissipation
PD
625
mW
Power Dissipation (TC=25°C)
PD
1.5
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
200
°C/W
Thermal Resistance
ΘJC
83.3
°C/W
MPS650
MPS651
ELECTRICAL CHARACTERISTICS: (TA=25°C)
MPS750
MPS751
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=60V
-
100
-
-
nA
ICBO
VCB=80V
-
-
-
100
nA
IEBO
VEB=4.0V
-
100
-
100
nA
BVCBO
IC=100μA
60
-
80
-
V
BVCEO
IC=10mA
40
-
60
-
V
BVEBO
IE=10μA
5.0
-
5.0
-
V
VCE(SAT)
IC=1.0A, IB=100mA
-
0.3
-
0.3
V
VCE(SAT)
IC=2.0A, IB=200mA
-
0.5
-
0.5
V
VBE(SAT)
IC=1.0A, IB=100mA
-
1.2
-
1.2
V
VBE(ON)
VCE=2.0V, IC=1.0A
-
1.0
-
1.0
V
hFE
VCE=2.0V, IC=50mA
75
-
75
-
hFE
VCE=2.0V, IC=500mA
75
-
75
-
hFE
VCE=2.0V, IC=1.0A
75
-
75
-
hFE
VCE=2.0V, IC=2.0A
40
-
40
-
fT
VCE=5.0V, IC=50mA, f=100MHz
75
-
75
-
MHz
TO-92 CASE
R1 (2-December 2014)
www.centr a lsemi.com


Similar Part No. - MPS650_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPS650-AA ETC-MPS650-AA Datasheet
992Kb / 2P
   Exterior Perimeter Light
2021-2022
MPS650-BB ETC-MPS650-BB Datasheet
992Kb / 2P
   Exterior Perimeter Light
2021-2022
MPS650-RR ETC-MPS650-RR Datasheet
992Kb / 2P
   Exterior Perimeter Light
2021-2022
MPS650-WW ETC-MPS650-WW Datasheet
992Kb / 2P
   Exterior Perimeter Light
2021-2022
logo
Motorola, Inc
MPS6507 MOTOROLA-MPS6507 Datasheet
59Kb / 2P
   Amplifier Transistor
More results

Similar Description - MPS650_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
WW18 NJSEMI-WW18 Datasheet
122Kb / 2P
   Silicon Complementary Transistors
logo
Unisonic Technologies
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
CMPT4401 CENTRAL-CMPT4401 Datasheet
99Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904 Datasheet
100Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com