Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN918 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PN918
Description  NPN SILICON RF TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PN918 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PN918_15 Datasheet HTML 1Page - Central Semiconductor Corp PN918_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PN918
NPN SILICON RF TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR PN918 type
is an NPN silicon RF transistor, manufactured by
the epitaxial planar process and designed for high
frequency amplifier and oscillator applications.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
3.0
V
Continuous Collector Current
IC
50
mA
Power Dissipation
PD
625
mW
Power Dissipation (TC=25°C)
PD
1.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
2.0
°C/W
Thermal Resistance
ΘJC
12.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=15V
10
nA
BVCBO
IC=1.0μA
30
V
BVCEO
IC=3.0mA
15
V
BVEBO
IE=10μA
3.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.4
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.0
V
hFE
VCE=1.0V, IC=3.0mA
20
fT
VCE=10V, IC=4.0mA, f=100MHz
600
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
1.7
pF
Cob
VEB=0, IE=0, f=1.0MHz
3.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
2.0
pF
Po
VCB=15V, IC=8.0mA, f=500MHz
30
mW
Gpe
VCB=12V, IC=6.0mA, f=200MHz
15
dB
VCB=15V, IC=8.0mA, f=500MHz
25
%
NF
VCE=6.0V, IC=1.0mA,
RG=400Ω, f=60kHz
6.0
dB
R0 (11-September 2012)
www.centr a lsemi.com


Similar Part No. - PN918_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
   NPN RF Transistor
More results

Similar Description - PN918_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com