Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1628 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1628
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1628_15 Datasheet HTML 5Page - Linear Technology LTC1628_15 Datasheet HTML 6Page - Linear Technology LTC1628_15 Datasheet HTML 7Page - Linear Technology LTC1628_15 Datasheet HTML 8Page - Linear Technology LTC1628_15 Datasheet HTML 9Page - Linear Technology LTC1628_15 Datasheet HTML 10Page - Linear Technology LTC1628_15 Datasheet HTML 11Page - Linear Technology LTC1628_15 Datasheet HTML 12Page - Linear Technology LTC1628_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC1628/LTC1628-PG
1628fb
Figure 2
SWITCH
LOGIC
+
0.8V
4.8V
5V
VIN
VIN
4.5V
BINH
RUN/SS2
RUN/SS1
CLK2
CLK1
0.18
µA
R6
R5
+
FCB
+
+
+
+
VREF
MERGE LOGIC
INTERNAL
SUPPLY
3.3VOUT
VSEC
3V
FCB
FLTCPL
EXTVCC
INTVCC
SGND
STBYMD
+
5V
LDO
REG
SW
SHDN
0.55V
TOP
BOOST
TG
CB
CIN
D1
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
+
CSEC
COUT
VOUT
1628 FD/F02
DSEC
RSENSE
R2
VOSENSE
DROP
OUT
DET
RUN
SOFT
START
BOT
TOP ON
S
R
Q
Q
OSCILLATOR
FREQSET
FCB
EA
0.86V
0.80V
OV
VFB
1.2
µA
6V
R1
+
RC
4(VFB)
RST
SHDN
RUN/SS
ITH
CC
CC2
CSS
1.19V
1M
4(VFB)
0.86V
SLOPE
COMP
3mV
+
+
SENSE
SENSE+
INTVCC
30k
45k
2.4V
45k
30k
I1
I2
B
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
+
+
PI FU CTIO S
FU CTIO AL DIAGRA
PGOOD: (LTC1628-PG Only) Open-Drain Logic Output.
PGOOD is pulled to ground when the voltage on either
VOSENSE pin is not within ±7.5% of its set point.
NC: These “No Connect” pins are not tied internally to
anything. On the PC layout, these pin landings should be
connected to the SGND plane under the IC.


Similar Part No. - LTC1628_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628-PG LINER-LTC1628-PG Datasheet
315Kb / 28P
   Dual Battery Charger/ Selector with SPI Interface
LTC1628-PG LINER-LTC1628-PG Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1628-PG LINER-LTC1628-PG Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1628_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
   2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_1 Datasheet
315Kb / 28P
   2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com