Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2107 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2107
Description  16-Bit, 210Msps High Performance ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2107 Datasheet(HTML) 2 Page - Linear Technology

  LTC2107_15 Datasheet HTML 1Page - Linear Technology LTC2107_15 Datasheet HTML 2Page - Linear Technology LTC2107_15 Datasheet HTML 3Page - Linear Technology LTC2107_15 Datasheet HTML 4Page - Linear Technology LTC2107_15 Datasheet HTML 5Page - Linear Technology LTC2107_15 Datasheet HTML 6Page - Linear Technology LTC2107_15 Datasheet HTML 7Page - Linear Technology LTC2107_15 Datasheet HTML 8Page - Linear Technology LTC2107_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2107
2
2107f
For more information www.linear.com/LTC2107
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VDD ...................................................... –0.3V to 2.8V
OVDD........................................................ –0.3V to 2V
Analog Input Voltage
AIN+, AIN–, ENC+, ENC, PAR/SER, SENSE
(Note 3) ................................... –0.3V to (VDD + 0.2V)
Digital Input Voltage
CS, SDI, SCK (Note 4)........................... –0.3V to 3.9V
(Notes 1, 2)
ORDER INFORMATION
FULL-RATE CMOS OUTPUT MODE
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
SENSE 1
GND 2
GND 3
VDD 4
VDD 5
VDD 6
GND 7
AIN+ 8
AIN– 9
GND 10
VCM 11
GND 12
36 D13
35 D12
34 D11
33 D10
32 CLKOUT+
31 CLKOUT
30 D9
29 D8
28 D7
27 D6
26 D5
25 D4
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
DOUBLE DATA RATE LVDS OUTPUT MODE
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm
× 7mm) PLASTIC QFN
SENSE 1
GND 2
GND 3
VDD 4
VDD 5
VDD 6
GND 7
AIN+ 8
AIN– 9
GND 10
VCM 11
GND 12
36 D12_13+
35 D12_13
34 D10_11+
33 D10_11
32 CLKOUT+
31 CLKOUT
30 D8_9+
29 D8_9
28 D6_7+
27 D6_7
26 D4_5+
25 D4_5
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
Digital Output Voltage................ –0.3V to (OVDD + 0.3V)
SDO (Note 4) ........................................ –0.3V to 3.9V
Operating Temperature Range
LTC2107C ................................................ 0°C to 70°C
LTC2107I..............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2107CUK#PBF
LTC2107CUK#TRPBF
LTC2107UK
48-Lead (7mm
× 7mm) Plastic QFN
0°C to 70°C
LTC2107IUK#PBF
LTC2107IUK#TRPBF
LTC2107UK
48-Lead (7mm
× 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2107_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2107 LINER-LTC2107 Datasheet
574Kb / 12P
   16-BIT, 210 Msps ADCs
More results

Similar Description - LTC2107_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-10 LINER-LTC2241-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
ESS Technology,Inc
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
   32-bit High Performance Audio ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Wolfson Microelectronic...
WM8788 WOLFSON-WM8788 Datasheet
312Kb / 22P
   High Performance 24-bit Stereo ADC
logo
Intersil Corporation
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com