Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2107 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2107
Description  16-Bit, 210Msps High Performance ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2107 Datasheet(HTML) 4 Page - Linear Technology

  LTC2107_15 Datasheet HTML 1Page - Linear Technology LTC2107_15 Datasheet HTML 2Page - Linear Technology LTC2107_15 Datasheet HTML 3Page - Linear Technology LTC2107_15 Datasheet HTML 4Page - Linear Technology LTC2107_15 Datasheet HTML 5Page - Linear Technology LTC2107_15 Datasheet HTML 6Page - Linear Technology LTC2107_15 Datasheet HTML 7Page - Linear Technology LTC2107_15 Datasheet HTML 8Page - Linear Technology LTC2107_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2107
4
2107f
For more information www.linear.com/LTC2107
DYNAMIC ACCURACY The
l
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5.1MHz Input (PGA = 0)
30.3MHz Input (PGA = 0)
71.1MHz Input (PGA = 0)
141MHz Input (PGA = 0)
l
78
79.8
79.7
79.5
79.1
dBFS
dBFS
dBFS
dBFS
141MHz Input (PGA = 1)
250MHz Input (PGA = 0)
250MHz Input (PGA = 1)
l
75.2
77.0
78.2
76.4
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range
2nd Harmonic
5.1MHz Input (PGA = 0)
30.3MHz Input (PGA = 0)
71.1MHz Input (PGA = 0)
141MHz Input (PGA = 0)
l
84
104.3
96.8
87
87.5
dBFS
dBFS
dBFS
dBFS
141MHz Input (PGA = 1)
250MHz Input (PGA = 0)
250MHz Input (PGA = 1)
l
84
95.5
85.8
89.3
dBFS
dBFS
dBFS
Spurious Free Dynamic Range
3rd Harmonic
5.1MHz Input (PGA = 0)
30.3MHz Input (PGA = 0)
71.1MHz Input (PGA = 0)
141MHz Input (PGA = 0)
l
86
98
96.8
87
93.3
dBFS
dBFS
dBFS
dBFS
141MHz Input (PGA = 1)
250MHz Input (PGA = 0)
250MHz Input (PGA = 1)
l
86
100
80.4
83.5
dBFS
dBFS
dBFS
Spurious Free Dynamic Range
4th Harmonic or Higher
5.1MHz Input (PGA = 0)
30.3MHz Input (PGA = 0)
71.1MHz Input (PGA = 0)
141MHz Input (PGA = 0)
l
93
100.8
101.6
100.7
105
dBFS
dBFS
dBFS
dBFS
141MHz Input (PGA = 1)
250MHz Input (PGA = 0)
250MHz Input (PGA = 1)
l
91
96.4
95.7
96.3
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
5.1MHz Input (PGA = 0)
30.3MHz Input (PGA = 0)
71.1MHz Input (PGA = 0)
141MHz Input (PGA = 0)
l
77
79.4
79.5
78.4
78.7
dBFS
dBFS
dBFS
dBFS
141MHz Input (PGA = 1)
250MHz Input (PGA = 0)
250MHz Input (PGA = 1)
l
74
76.7
76.7
76.0
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range at
–25dBFS Dither "Off"
5.1MHz Input (PGA = 0)
30.3MHz Input (PGA = 0)
71.1MHz Input (PGA = 0)
141MHz Input (PGA = 0)
l
95
100.4
107.4
106.6
108.3
dBFS
dBFS
dBFS
dBFS
141MHz Input (PGA = 1)
250MHz Input (PGA = 0)
250MHz Input (PGA = 1)
106.7
106.7
106.7
dBFS
dBFS
dBFS
Spurious Free Dynamic Range at
–25dBFS Dither "On"
5.1MHz Input (PGA = 0)
30.3MHz Input (PGA = 0)
71.1MHz Input (PGA = 0)
141MHz Input (PGA = 0)
l
103
126
124
119
119
dBFS
dBFS
dBFS
dBFS
141MHz Input (PGA = 1)
250MHz Input (PGA = 0)
250MHz Input (PGA = 1)
122.3
124.4
124.6
dBFS
dBFS
dBFS
SNRD
SNR Density
Sample Rate = 210Msps, PGA = 0
Sample Rate = 210Msps, PGA = 1
160.2
157.9
dBFS/√Hz
dBFS/√Hz


Similar Part No. - LTC2107_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2107 LINER-LTC2107 Datasheet
574Kb / 12P
   16-BIT, 210 Msps ADCs
More results

Similar Description - LTC2107_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-10 LINER-LTC2241-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
   12-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
ESS Technology,Inc
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
   32-bit High Performance Audio ADC
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Wolfson Microelectronic...
WM8788 WOLFSON-WM8788 Datasheet
312Kb / 22P
   High Performance 24-bit Stereo ADC
logo
Intersil Corporation
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com