Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90-1233 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT90-1233
Description  Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-1233 Datasheet(HTML) 3 Page - Tyco Electronics

  AT90-1233 Datasheet HTML 1Page - Tyco Electronics AT90-1233 Datasheet HTML 2Page - Tyco Electronics AT90-1233 Datasheet HTML 3Page - Tyco Electronics AT90-1233 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
AT90-1233
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
3
3
Typical Performance Curves
VSWR @ Insertion Loss
Insertion Loss
Attenuation Error, 2 dB Bit
Attenuation Error, 4 dB Bit
Attenuation Error, 8 dB Bit
Attenuation Error, 16 dB Bit
1.00
1.20
1.40
1.60
0
500
1000
1500
2000
2500
Frequency (MHz)
Input
Output
1.00
1.50
2.00
2.50
3.00
0
500
1000
1500
2000
2500
Frequency (MHz)
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0
500
1000
1500
2000
2500
Frequency (MHz)
-0.40
-0.20
0.00
0.20
0.40
0
500
1000
1500
2000
2500
Frequency (MHz)
-0.40
-0.20
0.00
0.20
0.40
0
500
1000
1500
2000
2500
Frequency (MHz)
-0.80
-0.60
-0.40
-0.20
0.00
0
500
1000
1500
2000
2500
Frequency (MHz)


Similar Part No. - AT90-1233

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1233 MACOM-AT90-1233 Datasheet
217Kb / 4P
   Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
logo
M/A-COM Technology Solu...
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
Tyco Electronics
AT90-1233-TB MACOM-AT90-1233-TB Datasheet
217Kb / 4P
   Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
logo
M/A-COM Technology Solu...
AT90-1233-TB MA-COM-AT90-1233-TB Datasheet
153Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
Tyco Electronics
AT90-1233TR MACOM-AT90-1233TR Datasheet
217Kb / 4P
   Digital Attenuator, 30dB, 4-Bit, TTL Driver DC - 2.5 GHz
More results

Similar Description - AT90-1233

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0233 MACOM-AT90-0233 Datasheet
251Kb / 4P
   Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC - 2.5 GHz
MAAD-007079-000100 MACOM-MAAD-007079-000100 Datasheet
256Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAAD-007079-000100 MA-COM-MAAD-007079-000100 Datasheet
155Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-0233 MA-COM-AT90-0233 Datasheet
151Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
AT90-1233 MA-COM-AT90-1233 Datasheet
153Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.5 GHz
logo
Tyco Electronics
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
   Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT65-0233 MACOM-AT65-0233 Datasheet
233Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0012 MACOM-MAATCC0012 Datasheet
255Kb / 5P
   Digital Attenuator 30.0dB, 4-Bit, TTL Driver, DC-2.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com