Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD69830FV Datasheet(PDF) 4 Page - Rohm

Part # BD69830FV
Description  Power DMOS FET integrated
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD69830FV Datasheet(HTML) 4 Page - Rohm

  BD69830FV Datasheet HTML 1Page - Rohm BD69830FV Datasheet HTML 2Page - Rohm BD69830FV Datasheet HTML 3Page - Rohm BD69830FV Datasheet HTML 4Page - Rohm BD69830FV Datasheet HTML 5Page - Rohm BD69830FV Datasheet HTML 6Page - Rohm BD69830FV Datasheet HTML 7Page - Rohm BD69830FV Datasheet HTML 8Page - Rohm BD69830FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Datasheet
Datasheet
4/17
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0H1H0B101050-1-2
5.Jun.2014 Rev.001
BD69830FV
Reference data
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.2
0.4
0.6
0.8
1.0
Output Current, Io [A]
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.2
0.4
0.6
0.8
1.0
Output Current, Io [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
Output Current, Io [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
Output Current, Io [A]
Figure 5. Output H Voltage (Ta=25°C)
Figure 6. Output H Voltage
(Vcc=24V)
Figure 7. Output L Voltage (Ta=25°C)
Figure 8. Output L Voltage
(Vcc=24V)
105°C
105°C
6V
24V
29V
25°C
-40°C
6V
24V
29V
25°C
-40°C


Similar Part No. - BD69830FV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD698 ETC-BD698 Datasheet
76Kb / 2P
   8.0 AMPERE DARLINGTON POWER TRANSISTORS NPN SILICON
logo
Rohm
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6981FVM-GTR ROHM-BD6981FVM-GTR Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6982FVM ROHM-BD6982FVM Datasheet
726Kb / 18P
   Standard Single-phase Full wave
BD6982FVM-GTR ROHM-BD6982FVM-GTR Datasheet
726Kb / 18P
   Standard Single-phase Full wave
More results

Similar Description - BD69830FV

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3701 CLARE-CPC3701 Datasheet
99Kb / 4P
   Vertical DMOS FET
logo
List of Unclassifed Man...
LT314 ETC1-LT314 Datasheet
346Kb / 5P
   Photo DMOS-FET Relay
LT211 ETC-LT211 Datasheet
304Kb / 5P
   Photo DMOS-FET Relay
logo
LETEX TECHNOLOGY CORP.
LT219-3 LETEX-LT219-3 Datasheet
138Kb / 4P
   Photo DMOS-FET Relay
LT233HT LETEX-LT233HT Datasheet
139Kb / 4P
   Photo DMOS-FET Relay
LT419 LETEX-LT419 Datasheet
111Kb / 3P
   Photo DMOS-FET Relay
LT619 LETEX-LT619 Datasheet
163Kb / 3P
   Photo DMOS-FET Relay
LT338 LETEX-LT338 Datasheet
151Kb / 4P
   Photo DMOS-FET Relay
LT436 LETEX-LT436 Datasheet
98Kb / 3P
   Photo DMOS-FET Relay
LT533 LETEX-LT533 Datasheet
104Kb / 3P
   Photo DMOS-FET Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com