Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2411 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2411
Description  24-Bit No Latency ADC with Differential Input and Reference in MSOP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2411 Datasheet(HTML) 2 Page - Linear Technology

  LTC2411_15 Datasheet HTML 1Page - Linear Technology LTC2411_15 Datasheet HTML 2Page - Linear Technology LTC2411_15 Datasheet HTML 3Page - Linear Technology LTC2411_15 Datasheet HTML 4Page - Linear Technology LTC2411_15 Datasheet HTML 5Page - Linear Technology LTC2411_15 Datasheet HTML 6Page - Linear Technology LTC2411_15 Datasheet HTML 7Page - Linear Technology LTC2411_15 Datasheet HTML 8Page - Linear Technology LTC2411_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC2411/LTC2411-1
2
LTNS
LTNT
LTWV
LTNN
(Notes 1, 2)
ORDER PART NUMBER
Supply Voltage (VCC) to GND.......................– 0.3V to 7V
Analog Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Reference Input Pins Voltage
to GND .................................... – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2411C ............................................... 0
°C to 70°C
LTC2411I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, θJA = 120°C/W
LTC2411CMS
LTC2411IMS
LTC2411-1CMS
LTC2411-1IMS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V
≤ VREF ≤ VCC, –0.5 • VREF ≤ VIN ≤ 0.5 • VREF (Note 5)
q
24
Bits
Integral Nonlinearity
4.5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF= GND, VINCM = 1.25V (Note 6)
1
ppm of VREF
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF= GND, VINCM = 2.5V (Note 6)
q
2
14
ppm of VREF
REF+ = 2.5V, REF= GND, VINCM = 1.25V (Note 6)
6
ppm of VREF
Offset Error
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
520
µV
GND
≤ IN+ = IN≤ VCC (Note 14)
Offset Error Drift
2.5V
≤ REF+ ≤ VCC, REF= GND,
20
nV/
°C
GND
≤ IN+ = IN≤ VCC
Positive Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
4
12
ppm of VREF
IN+ = 0.75REF+, IN= 0.25 • REF+
Positive Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF= GND,
0.04
ppm of VREF/°C
IN+ = 0.75REF+, IN= 0.25 • REF+
Negative Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF= GND,
q
4
12
ppm of VREF
IN+ = 0.25 • REF+, IN= 0.75 • REF+
Negative Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF= GND,
0.04
ppm of VREF/°C
IN+ = 0.25 • REF+, IN= 0.75 • REF+
Total Unadjusted Error
4.5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF= GND, VINCM = 1.25V
3
ppm of VREF
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF= GND, VINCM = 2.5V
3
ppm of VREF
REF+ = 2.5V, REF= GND, VINCM = 1.25V
6
ppm of VREF
Output Noise
5V
≤ VCC ≤ 5.5V, REF+ = 5V, VREF– = GND,
1.45
µVRMS
GND
≤ IN= IN+ ≤ 5V, (Note 13)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
MS10 PART MARKING
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
VCC
REF+
REF
IN+
IN
10
9
8
7
6
FO
SCK
SDO
CS
GND
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature
ranges.


Similar Part No. - LTC2411_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2411-1 LINER-LTC2411-1 Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1CMS LINER-LTC2411-1CMS Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1IMS LINER-LTC2411-1IMS Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
More results

Similar Description - LTC2411_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com