Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2480
Description  16-Bit ADC with Easy Drive Input Current Cancellation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 3 Page - Linear Technology

  LTC2480_15 Datasheet HTML 1Page - Linear Technology LTC2480_15 Datasheet HTML 2Page - Linear Technology LTC2480_15 Datasheet HTML 3Page - Linear Technology LTC2480_15 Datasheet HTML 4Page - Linear Technology LTC2480_15 Datasheet HTML 5Page - Linear Technology LTC2480_15 Datasheet HTML 6Page - Linear Technology LTC2480_15 Datasheet HTML 7Page - Linear Technology LTC2480_15 Datasheet HTML 8Page - Linear Technology LTC2480_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LTC2480
3
2480fe
For more information www.linear.com/LTC2480
ELECTRICAL CHARACTERISTICS (NORMAL SPEED) The
l
denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1 ≤ VREF ≤ VCC, –FS ≤ VIN ≤ +FS (Note 5)
l
16
Bits
Integral Nonlinearity
5V ≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
2.7V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
l
2
1
10
ppm of VREF
ppm of VREF
Offset Error
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Note 14)
l
0.5
2.5
µV
Offset Error Drift
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC
10
nV/°C
Positive Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF (H-Grade)
l
l
25
40
ppm of VREF
ppm of VREF
Positive Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
0.1
ppm of
VREF/°C
Negative Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF (H-Grade)
l
l
25
40
ppm of VREF
ppm of VREF
Negative Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
0.1
ppm of
VREF/°C
Total Unadjusted Error
5V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V
5V ≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V
2.7V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V
15
ppm of VREF
ppm of VREF
ppm of VREF
Output Noise
5V ≤ VCC ≤ 5.5V, VREF = 5V, GND ≤ IN= IN+ ≤ VCC (Note 13)
0.6
µVRMS
Internal PTAT Signal
TA = 27°C
390
450
mV
Programmable Gain
l
1
256
ELECTRICAL CHARACTERISTICS (2X SPEED) The
l
denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1 ≤ VREF ≤ VCC, –FS ≤ VIN ≤ +FS (Note 5)
l
16
Bits
Integral Nonlinearity
5V ≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
2.7V ≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
l
2
1
10
ppm of VREF
ppm of VREF
Offset Error
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Note 14)
l
0.5
2
mV
Offset Error Drift
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC
100
nV/°C
Positive Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF (H-Grade)
l
l
25
40
ppm of VREF
ppm of VREF
Positive Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
0.1
ppm of
VREF/°C
Negative Full-Scale Error
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF (H-Grade)
l
l
25
40
ppm of VREF
ppm of VREF
Negative Full-Scale Error Drift
2.5V ≤ VREF ≤ VCC, IN+ = 0.75VREF, IN= 0.25VREF
0.1
ppm of
VREF/°C
Output Noise
5V ≤ VCC ≤ 5.5V, VREF = 5V, GND ≤ IN= IN+ ≤ VCC (Note 13)
0.84
µVRMS
Programmable Gain
(Note 15)
l
1
128


Similar Part No. - LTC2480_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2480_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
   24-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488_15 Datasheet
394Kb / 30P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2498 LINER-LTC2498_15 Datasheet
1Mb / 38P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com