Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2482 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2482
Description  16-Bit ADC with Easy Drive Input Current Cancellation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2482_15 Datasheet HTML 5Page - Linear Technology LTC2482_15 Datasheet HTML 6Page - Linear Technology LTC2482_15 Datasheet HTML 7Page - Linear Technology LTC2482_15 Datasheet HTML 8Page - Linear Technology LTC2482_15 Datasheet HTML 9Page - Linear Technology LTC2482_15 Datasheet HTML 10Page - Linear Technology LTC2482_15 Datasheet HTML 11Page - Linear Technology LTC2482_15 Datasheet HTML 12Page - Linear Technology LTC2482_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2482
9
2482fc
FUNCTIONAL BLOCK DIAGRAM
9
4
5
7
6
10
IN+
3
2
VREF
VCC
fO
8
GND
1
GND
IN
SERIAL
INTERFACE
CS
2482 FD
SCK
SD0
AUTOCALIBRATION
AND CONTROL
INTERNAL
OSCILLATOR
3RD ORDER
ADC
REF+
IN+
IN
REF
TEST CIRCUITS
1.69k
SDO
2482 TC01
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
2482 TC02
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC


Similar Part No. - LTC2482_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482CDD-PBF LINER-LTC2482CDD-PBF Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482CDD-TRPBF LINER-LTC2482CDD-TRPBF Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482IDD-PBF LINER-LTC2482IDD-PBF Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482IDD-TRPBF LINER-LTC2482IDD-TRPBF Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2482_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
   24-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488_15 Datasheet
394Kb / 30P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2498 LINER-LTC2498_15 Datasheet
1Mb / 38P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com