Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95820F-LB Datasheet(PDF) 1 Page - Rohm

Part # BD95820F-LB
Description  Wide Operating Temperature Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95820F-LB Datasheet(HTML) 1 Page - Rohm

  BD95820F-LB Datasheet HTML 1Page - Rohm BD95820F-LB Datasheet HTML 2Page - Rohm BD95820F-LB Datasheet HTML 3Page - Rohm BD95820F-LB Datasheet HTML 4Page - Rohm BD95820F-LB Datasheet HTML 5Page - Rohm BD95820F-LB Datasheet HTML 6Page - Rohm BD95820F-LB Datasheet HTML 7Page - Rohm BD95820F-LB Datasheet HTML 8Page - Rohm BD95820F-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Datasheet
1/12
TSZ02201-0RCR0GZ00120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2014.06.13 Rev.001
www.rohm.co.jp
TSZ22111・14・001
ZCT:Zero current transformer
Trip
Coil
TEST SW&R
COD
SCR
RVS
CVS
VZ
COS
C1
CVR
CIN
RIN
IN
VR
OD
GND
VS
OS
NR
SC
8
7
6
5
1
2
3
4
≦3kΩ
EARTH LEAKAGE CURRENT DETECTOR
Earth Leakage
Current Detector IC
BD95820F-LB
BD95820N-LB
General Description
This is the product guarantees long time support in
Industrial market.
BD95820F-LB/BD95820N-LB integrates leakage detector
and amplifier. Especially, it is suitable for high sensitivity
and a high-speed operation use, and since the operating
temperature range is wide, it can be used for various uses.
Features
■ Long Time Support a Product for Industrial
Applications
■ Small Temperature Fluctuation and High Input
Sensitivity
■ Wide Operating Temperature Range
Applications
■ Earth leakage circuit breaker
■ Earth leakage circuit relay
■ Industrial Equipment
Key Specifications
■ Operating Supply Voltage Range:
12V to 22V
■ Operating Temperature Range:
-20°C to +95°C
■ Supply Current:
330µA (typ)
■ Trip Voltage:
4.92mV to 11.06mV
■ Output Current(Ta=-20℃):
-200µA (min)
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
SIP8
19.30mm x 10.50mm x 3.00mm
Typical Application Circuit
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
ZCT:Zero-phase Current Transformer


Similar Part No. - BD95820F-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95821MUV ROHM-BD95821MUV Datasheet
992Kb / 26P
   7.5V to 15V, 2A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9582F ROHM-BD9582F Datasheet
381Kb / 4P
   Semiconductor IC
BD9582F-E ROHM-BD9582F-E Datasheet
582Kb / 14P
   EARTH LEAKAGE CURRENT DETECTOR IC
BD9582F-M ROHM-BD9582F-M Datasheet
610Kb / 14P
   Automotive EARTH LEAKAGE CURRENT DETECTOR IC
BD9582F-M-E ROHM-BD9582F-M-E Datasheet
552Kb / 14P
   Automotive EARTH LEAKAGE CURRENT DETECTOR IC
More results

Similar Description - BD95820F-LB

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
UBBL19 ULTRALIFE-UBBL19 Datasheet
107Kb / 2P
   Wide operating temperature range
Rev: D
UHR-CR26650 ULTRALIFE-UHR-CR26650 Datasheet
620Kb / 2P
   Wide operating temperature range
Rev: F
logo
Artesyn Technologies
LGA80D ARTESYN-LGA80D Datasheet
587Kb / 6P
   Wide operating temperature range
logo
XP Power Limited
BCC XPPOWER-BCC Datasheet
292Kb / 2P
   Wide Operating Temperature Range
logo
Ultralife Corporation.
UBBL23 ULTRALIFE-UBBL23 Datasheet
84Kb / 2P
   Wide operating temperature range
Rev: D
UHR-CR26500 ULTRALIFE-UHR-CR26500 Datasheet
571Kb / 2P
   Wide operating temperature range
Rev: G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com