Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1103F1-L2 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1103F1-L2
Description  1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1103F1-L2 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1103F1-L2 Datasheet HTML 1Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 2Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 3Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 4Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 5Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 6Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 7Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 8Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NJG1103F1
- 1 -
1.5/1.9GHz LOW NOISE AMPLIFIER
GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1103F1 is a Low Noise Amplifier GaAs MMIC
designed for 1.5GHz and 1.9GHz band digital cellular
phone and Japanese PHS handsets.
This amplifier provides low noise figure, high gain
and high IP3 operated by single low positive power supply.
This amplifier can be tuned to wide frequency point.
(Best for 1.5GHz or 1.9GHz)
Small package of MTP6-1 is adopted.
nFEATURES
lLow voltage operation
+2.7V typ.
lLow current consumption
3mA typ.
lHigh small signal gain
16dB typ. @f=1.489GHz
14dB typ. @f=1.9GHz
lLow Noise Figure
1.2dB typ. @f=1.489GHz
1.4dB typ. @f=1.9GHz
lHigh Input IP3
-4dBm typ. @f=1.489+1.4891GHz
-3dBm typ. @f=1.9+1.9001GHz
lHigh Output IP3
+12dBm typ. @f=1.489+1.4891GHz
+11dBm typ. @f=1.9+1.9001GHz
lPackage
MTP6-1 (Mount Size: 2.8 x 2.9 x 1.2mm)
nPIN CONFIGURATION
NJG1103F1
Pin connection
1.LNAOUT
2.EXTIND
3.GND
4.GND
5.GND
6.LNAIN
Note:
is package orientation mark.
F1 TYPE
(Top View)
6
5
4
1
2
3


Similar Part No. - NJG1103F1-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1103F1-L2 NJRC-NJG1103F1-L2 Datasheet
139Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1103F1-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
   1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
New Japan Radio
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
logo
Agilent(Hewlett-Packard...
MGA-86576 HP-MGA-86576 Datasheet
75Kb / 6P
   1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
   Low-Noise GaAs Amplifier MMIC
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com