Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95850F-LB Datasheet(PDF) 2 Page - Rohm

Part # BD95850F-LB
Description  Long Time Support Product for Industrial Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95850F-LB Datasheet(HTML) 2 Page - Rohm

  BD95850F-LB Datasheet HTML 1Page - Rohm BD95850F-LB Datasheet HTML 2Page - Rohm BD95850F-LB Datasheet HTML 3Page - Rohm BD95850F-LB Datasheet HTML 4Page - Rohm BD95850F-LB Datasheet HTML 5Page - Rohm BD95850F-LB Datasheet HTML 6Page - Rohm BD95850F-LB Datasheet HTML 7Page - Rohm BD95850F-LB Datasheet HTML 8Page - Rohm BD95850F-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Datasheet
Datasheet
2/19
BD95850F-LB
TSZ02201- 0RCR1GZ00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
13.Jun.2014 Rev.001
www.rohm.com
TSZ22111 .15.001
SOP14
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Pin Configurations
Block Diagrams
Pin Descriptions
Pin No.
Symbol
Function
Pin No.
Symbol
Function
1
GND
Ground
8
SCRT
Output for driving thyristor
2
IREF
Connect a resistor to set constant
current of the internal circuits
9
OFFC
Connect a capacitor to set reset time
3
VREF
Reference voltage output
10
TTDC
Connect a capacitor to set over-voltage
detection time
4
ILKI
Input of leakage detection signal
11
IBLI
Input of over-voltage detection signal
5
TRC1
Connect a capacitor for charge
current of negative detection
12
PSAV
Enable pin for overvoltage detection
function
6
TRC2
Connect a capacitor for charge
current of positive detection
13
VCC
Internal power supply
7
PSEL
Logic function switching pin for
leakage detection
14
VS
Power supply
Absolute Maximum Ratings
(TA=25°C)
Parameter
Symbol
Rating
Unit
Condition
Supply Current
IS
4
mA
Supply Voltage
(Note 1)
VS
18
V
Input Voltage
VΔIN
-1.5 to +1.5
V
across ILKI and VREF
Input Current
IΔIN
-5 to +5
mA
across ILKI and VREF
Input Current of VREF
IVREF
10
mA
across VREF and GND
Input Voltage
VXXXX
8
V
IREF/REF/IN/TRC1/TRC2/
PSEL/SCRT/OFFC/PSAV/
TTDC/VCC/IBLI
Input Voltage of Overvoltage Detection
VIBLI
-0.3 to +5.0
V
across IBLI and GND
Input Current of Overvoltage Detection
IIBLI
4
mA
across IBLI and GND
Power Dissipation
PD
0.56
(Note 2)
W
Operating Temperature
Topr
-30 to +95
°C
Storage Temperature
Tstg
-55 to +150
°C
(Note 1) Supply voltage is limited by internal clamping circuit .
Please refer to maximum current voltage of the electrical characteristic item.
(Note 2) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 4.5mW per 1°C above 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open
circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Supply Voltage
VSopr
7 to 13
V
Power Supply
Leakage Detection
Overvoltage
Detection
Reset
SCR
Drive
IREF
VREF
ILKI
TRC1
TRC2
PSEL
OFFC
SCRT
IBLI
TTDC
VCC
PSAV
VS
12345
6
7
14
13
12
11
10
9
8


Similar Part No. - BD95850F-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95820F-LB ROHM-BD95820F-LB Datasheet
538Kb / 15P
   Wide Operating Temperature Range
BD95820N-LB ROHM-BD95820N-LB Datasheet
538Kb / 15P
   Wide Operating Temperature Range
BD95821MUV ROHM-BD95821MUV Datasheet
992Kb / 26P
   7.5V to 15V, 2A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9582F ROHM-BD9582F Datasheet
381Kb / 4P
   Semiconductor IC
BD9582F-E ROHM-BD9582F-E Datasheet
582Kb / 14P
   EARTH LEAKAGE CURRENT DETECTOR IC
More results

Similar Description - BD95850F-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
BD9A301MUV-LB ROHM-BD9A301MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD9A101MUV-LB ROHM-BD9A101MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD7682FJ-LB ROHM-BD7682FJ-LB Datasheet
1Mb / 30P
   This is the product guarantees long time support in the Industrial market
logo
Advantech Co., Ltd.
ARES-7621C ADVANTECH-ARES-7621C Datasheet
2Mb / 4P
   Long Reach mounting kit for industrial applications
9-May-2023
logo
List of Unclassifed Man...
I-7067D ETC2-I-7067D Datasheet
130Kb / 2P
   Product Reference Support
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
   For Industrial Applications
Rev. 1.3, 2010-03-16
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Zilog, Inc.
EZ80F915005MODG ZILOG-EZ80F915005MODG Datasheet
581Kb / 22P
   Real-time clock support
logo
jb Capacitors Company
JRG JBCAPACITORS-JRG Datasheet
211Kb / 2P
   Suitable for long life applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com