Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X50FF5L Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # X50FF5L
Description  2,000 V - 5,000 V Rectifiers 0.15 A - 0.42 A Forward Current 30 ns - 50 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X50FF5L Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  X50FF5L Datasheet HTML 1Page - Voltage Multipliers Inc. X50FF5L Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
6
.022
Dimension uncontrolled
in this area due to
solder fillet.
A
.125 ±.005
(3.18 ±.13)
.125 ±.005
(3.18 ±.13)
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
SURFACE MOUNT
HERMETICALLY SEALED
X20FF3L X20FF5L
X50FF3L X50FF5L
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)TC=55°C (2)TC=100°C (3)If=12.5mA, Ir=25.0mA, Irr=6.3mA *Op. Temp.= -65°C to +175°C Stg. Temp.= -65°C to +200°C
2,000 V - 5,000 V Rectifiers
0.15 A - 0.42 A Forward Current
30 ns - 50 ns Recovery Time
Markings:
Three Dots for polarity.
t
r
a
PA
B
L
3
F
F
0
2
X
0
1
0
.
±
5
7
2
.
)
5
2
.
±
9
9
.
6
(
)
7
5
.
4
(
0
8
1
.
L
3
F
F
0
5
X
0
1
0
.
±
0
1
3
.
)
5
2
.
±
7
8
.
7
(
)
6
4
.
5
(
5
1
2
.
L
5
F
F
0
2
X
0
1
0
.
±
5
6
2
.
)
5
2
.
±
3
7
.
6
(
)
2
3
.
4
(
0
7
1
.
L
5
F
F
0
5
X
0
1
0
.
±
0
0
3
.
)
5
2
.
±
2
6
.
7
(
)
1
2
.
5
(
5
0
2
.
.080(2.03)
(2 PL)
B
.150
(3.81)
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
K C-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°F
p
L
3
F
F
0
2
X
L
3
F
F
0
5
X
0
0
0
2
0
0
0
5
2
4
.
0
5
1
.
0
0
1
2
.
0
5
7
0
.
0
0
.
1
0
.
1
0
2
0
2
5
.
7
5
.
2
1
2
4
.
0
5
1
.
0
6
1
0
1
0
.
3
0
.
1
0
3
0
3
0
.
5
0
.
5
0
.
4
0
.
3
L
5
F
F
0
2
X
L
5
F
F
0
5
X
0
0
0
2
0
0
0
5
2
4
.
0
5
1
.
0
0
1
2
.
0
5
7
0
.
0
0
.
1
0
.
1
0
2
0
2
5
.
7
5
.
2
1
2
4
.
0
5
1
.
0
6
1
0
1
0
.
3
0
.
1
0
5
0
5
0
.
5
0
.
5
0
.
4
0
.
3


Similar Part No. - X50FF5L

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
X50FF5L VMI-X50FF5L Datasheet
71Kb / 1P
   High Voltage Rectifiers - Surface Mount
More results

Similar Description - X50FF5L

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1N6513U VMI-1N6513U Datasheet
50Kb / 2P
   2,000 V - 5,000 V Rectifiers 0.5 A - 1.5 A Forward Current 30 ns - 50 ns Recovery Time
1N6836 VMI-1N6836 Datasheet
165Kb / 2P
   2,000 V - 5,000 V Rectifiers 0.5 A - 1.5 A Forward Current 30 ns - 50 ns Recovery Time
1N6836LL VMI-1N6836LL Datasheet
87Kb / 2P
   2,000 V - 5,000 V Rectifiers 0.75 A - 2.00 A Forward Current 30 ns - 50 ns Recovery Time
SXF6521 VMI-SXF6521 Datasheet
108Kb / 1P
   2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time
SMF6529 VMI-SMF6529 Datasheet
68Kb / 1P
   2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
1N6529U VMI-1N6529U Datasheet
100Kb / 2P
   2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
logo
List of Unclassifed Man...
X20FF3 ETC-X20FF3 Datasheet
94Kb / 2P
   2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
1N6513 ETC-1N6513 Datasheet
95Kb / 2P
   2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
logo
Voltage Multipliers Inc...
MD60FF18 VMI-MD60FF18 Datasheet
31Kb / 1P
   1,800 V Rectifiers 250 mA Forward Current 30 ns - 50 ns Recovery Time
Z150FG VMI-Z150FG Datasheet
96Kb / 2P
   15,000 V Rectifiers 0.30 A Forward Current 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com