Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR50FF5 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # XR50FF5
Description  H. V. Controlled Avalanche Rectifiers - Axial Lead 0.050A - 0.20A ??30ns - 3000ns
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

XR50FF5 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  XR50FF5 Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
tl
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
if
it
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
rI
(
d
r
a
w
r
o
F
e
g
a
tl
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
=
p
t
s
m
3
.
8
)
m
s
fI
(
e
v
it
it
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
fI
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
θ L-
J
n
o
it
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)j
C
(
-
n
o
N
e
v
it
it
e
p
e
R
k
a
e
P
w
e
i
v
e
R
e
h
c
n
a
l
a
v
A
y
g
r
e
n
E
)
m
s
r
E
(
C
°
5
5
)
1
(
C
°
0
0
1
)
2
(
C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
.
=
L5
2
1
.
=
L0
5
2
.
=
LC
°
5
2C
°
5
2
s
tl
o
Vs
p
m
As
p
m
AA
µA
µs
tl
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
pJ
m
3
F
F
5
2
R
X0
0
5
20
0
2
.
00
0
1
.
05
.
00
20
.
0
10
0
2
.
00
0
.
8
10
5
.
10
35
2
15
.
1
20
.
40
3
3
F
F
0
5
R
X0
0
0
50
0
1
.
00
5
0
.
05
.
00
20
.
6
10
0
1
.
00
0
.
95
7
.
00
35
2
15
.
1
20
.
30
6
3
F
F
0
0
1
R
X0
0
0
0
10
5
0
.
05
2
0
.
05
.
00
20
.
2
30
5
0
.
00
5
.
40
3
.
00
35
2
15
.
1
20
.
20
2
1
5
F
F
5
2
R
X0
0
5
20
0
2
.
00
0
1
.
05
.
00
20
.
0
10
0
2
.
00
.
5
10
5
.
10
55
2
15
.
1
20
.
40
3
5
F
F
0
5
R
X0
0
0
50
0
1
.
00
5
0
.
05
.
00
20
.
6
10
0
1
.
00
5
.
75
7
.
00
55
2
15
.
1
20
.
30
6
5
F
F
0
0
1
R
X0
0
0
0
10
5
0
.
05
2
0
.
05
.
00
20
.
2
30
5
0
.
05
7
.
30
4
.
00
55
2
15
.
1
20
.
20
2
1
G
F
U
5
2
R
X0
0
5
20
0
2
.
00
0
1
.
05
.
00
20
.
80
0
2
.
00
.
5
10
0
.
30
75
2
15
.
1
20
.
40
3
G
F
U
0
5
R
X0
0
0
50
0
1
.
00
5
0
.
05
.
00
20
.
4
10
0
1
.
00
5
.
70
5
.
10
75
2
15
.
1
20
.
30
6
G
F
U
0
0
1
R
X0
0
0
0
10
5
0
.
05
2
0
.
05
.
00
20
.
5
20
5
0
.
05
7
.
35
7
.
00
75
2
15
.
1
20
.
20
2
1
G
S
5
2
R
X0
0
5
20
0
2
.
00
0
1
.
05
.
00
20
0
.
60
0
2
.
00
.
5
10
0
.
30
0
0
35
2
15
.
1
20
.
40
3
G
S
0
5
R
X0
0
0
50
0
1
.
00
5
0
.
05
.
00
20
.
0
10
0
1
.
00
5
.
70
5
.
10
0
0
35
2
15
.
1
20
.
30
6
G
S
0
0
1
R
X0
0
0
0
10
5
0
.
05
2
0
.
05
.
00
20
.
0
20
5
0
.
05
7
.
35
7
.
00
0
0
35
2
15
.
1
20
.
20
2
1
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
H. V. Controlled Avalanche Rectifiers - Axial Lead
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=125mA, Ir=250mA, Irr=63mA *Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
0.050A - 0.20A • 30ns - 3000ns
t
r
a
PA
)
X
X
X
(
5
2
R
X.
X
A
M
)
0
1
.
6
(
0
4
2
.
)
X
X
X
(
0
5
R
X.
X
A
M
)
1
1
.
7
(
0
8
2
.
)
X
X
X
(
0
0
1
R
X.
X
A
M
)
4
1
.
9
(
0
6
3
.


Similar Part No. - XR50FF5

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
XR5 SYSTEMSENSOR-XR5 Datasheet
231Kb / 2P
   400 Series Plug-In Thermal Detectors
XR5 SYSTEMSENSOR-XR5 Datasheet
123Kb / 4P
   500 Series Intelligent Sensors with Integral Communications
logo
Exar Corporation
XR5486E EXAR-XR5486E Datasheet
933Kb / 23P
   ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION
XR5486E EXAR-XR5486E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
XR5486EID-F EXAR-XR5486EID-F Datasheet
933Kb / 23P
   ULTRA HIGH SPEED RS-485/RS-422 PROFIBUS TRANSCEIVERS WITH 1/8TH UNIT LOAD AND 15KV ESD-PROTECTION
More results

Similar Description - XR50FF5

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
MR25FF3 VMI-MR25FF3 Datasheet
461Kb / 1P
   H. V. Controlled Avalanche Rectifiers - Axial Lead 0.015A - 0.060A ??30ns - 3000ns
ZR25FF3 VMI-ZR25FF3 Datasheet
463Kb / 1P
   H. V. Controlled Avalanche Rectifiers - Axial Lead 0.15A - 1.50A ??30ns - 3000ns
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
Voltage Multipliers Inc...
SXF25FF3 VMI-SXF25FF3 Datasheet
80Kb / 1P
   High Voltage Diodes - Axial Lead 0.42A - 0.25A ??30ns - 100ns
logo
NXP Semiconductors
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com