Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDXXFA1FP3 Datasheet(PDF) 9 Page - Rohm

Part # BDXXFA1FP3
Description  High accuracy output voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDXXFA1FP3 Datasheet(HTML) 9 Page - Rohm

Back Button BDXXFA1FP3 Datasheet HTML 5Page - Rohm BDXXFA1FP3 Datasheet HTML 6Page - Rohm BDXXFA1FP3 Datasheet HTML 7Page - Rohm BDXXFA1FP3 Datasheet HTML 8Page - Rohm BDXXFA1FP3 Datasheet HTML 9Page - Rohm BDXXFA1FP3 Datasheet HTML 10Page - Rohm BDXXFA1FP3 Datasheet HTML 11Page - Rohm BDXXFA1FP3 Datasheet HTML 12Page - Rohm BDXXFA1FP3 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/14
BDxxFA1FP3
Datasheet
TSZ02201-0GAG0A600600-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
08.Jun.2015 Rev.003
0.01
0.1
1
10
0
20406080
100
Output Current: Io [mA]
安定領域
● Input/Output Capacitor
It is recommended that a capacitor is placed close to pin between input pin and GND as well as output pin and GND. The
input capacitor becomes more necessary when the power supply impedance is high or when the PCB trace has significant
length. Moreover, the higher the capacitance of the output capacitor the more stable the output will be, even with load and
line voltage variations. However, please check the actual functionality by mounting on a board for the actual application.
Also, ceramic capacitors usually have different thermal and equivalent series resistance characteristics and may degrade
gradually over continued use.
For additional details, please check with the manufacturer and select the best ceramic capacitor for your application.
●Output Capacitor Equivalent Series Resistance
DC Bias Voltage [V]
Ceramic Capacitor Capacitance Value― DC Bias Characteristics
(Characteristics Example)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
012
3
4
Rated Voltage: 10V
B1 characteristics
GRM188B11A105KA61D
Rated Voltage: 10V
B characteristics
Rated Voltage: 6.3V
B characteristics
Rated Voltage: 4V
X6S characteristics
Rated Voltage: 10V
F characteristics
To prevent oscillation, please attach a capacitor between VO and
GND. Generally, capacitor has ESR (Equivalent Series
Resistance). Operation will be stable in ESR-Io range shown in
the right.
The 1.0µF ceramic capacitor and resistor at output in this
characteristic data are connected in series and measured.
Generally, ESR of ceramic capacitor, tantalum capacitor and
electrolytic capacitor is different. Check the ESR of capacitor to
be used and use it within the range of stable region.
However, please take note that for the same value of
capacitance of different electrolytic capacitor, ESR are not
always the same. In addition, ESR characteristics may also
change due to wiring impedance of board, input power
impedance and load impedance; therefore check the behavior in
actual application.
Stable Area


Similar Part No. - BDXXFA1FP3

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFC0WEFJ ROHM-BDXXFC0WEFJ Datasheet
539Kb / 20P
   Low saturation with PDMOS output
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
More results

Similar Description - BDXXFA1FP3

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
   Output voltage accuracy
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com