Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDXXFA1FP3 Datasheet(PDF) 1 Page - Rohm

Part # BDXXFA1FP3
Description  High accuracy output voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDXXFA1FP3 Datasheet(HTML) 1 Page - Rohm

  BDXXFA1FP3 Datasheet HTML 1Page - Rohm BDXXFA1FP3 Datasheet HTML 2Page - Rohm BDXXFA1FP3 Datasheet HTML 3Page - Rohm BDXXFA1FP3 Datasheet HTML 4Page - Rohm BDXXFA1FP3 Datasheet HTML 5Page - Rohm BDXXFA1FP3 Datasheet HTML 6Page - Rohm BDXXFA1FP3 Datasheet HTML 7Page - Rohm BDXXFA1FP3 Datasheet HTML 8Page - Rohm BDXXFA1FP3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product structure : Silicon monolithic integrated circuit
This product is not designed to have protection against radioactive rays.
1/14
TSZ02201-0GAG0A600600-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
08.Jun.2015 Rev.003
100mA Fixed Output
LDO Regulator
BDxxFA1FP3
● General Description
BDxxFA1FP3 is an LDO regulator with output current capability of 0.1A. The output voltages are 3.3V, 5.0V, 5.4V, and
12.0V with ±1% accuracy. The SOT89-3K package is most suitable for heat dissipation. As protective function to prevent
IC from destruction, this chip has built-in over current protection circuit to protect the device when output is shorted, and
built-in thermal shutdown circuit to protect the IC during thermal over load conditions. This product can be used in wide
variety of digital appliances. This regulator can use ceramic capacitor, which have smaller size and longer life than other
capacitors.
● Features
High accuracy output voltage
Built-in Over current protection circuit (OCP)
Built-in Temperature protection circuit (TSD)
Soft start function
● Key Features
Input power supply voltage range: Vo+3.0V to 25.0V
Output voltage:
3.3V, 5.0V, 5.4V, 12.0V
Output current:
0.1A (Max)
Operating temperature range:
-25°C to +85°C
●Typical Application Circuit
●Package
W(Typ.) D(Typ.)
H(Max.)
SOT89-3K
4.50mm x 4.095mm x 1.60mm
●Ordering Information
B
D
x
x
F
A
1
F
P
3
-
TL
Part
Number
Output
voltage
33: 3.3V
50: 5.0V
54: 5.4V
J2: 12.0V
Input
Voltage
F:30V
Output
Current
A1:0.1A
Package
FP3:SOT89-3K
Packaging and forming specification
TL : Emboss tape reel
VO
VCC
GND
FIN
COUT
CIN
CIN,COUT : Ceramic Capacitor


Similar Part No. - BDXXFA1FP3

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFC0WEFJ ROHM-BDXXFC0WEFJ Datasheet
539Kb / 20P
   Low saturation with PDMOS output
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
More results

Similar Description - BDXXFA1FP3

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
   Output voltage accuracy
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com