Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDXXFC0WEFJ Datasheet(PDF) 11 Page - Rohm

Part # BDXXFC0WEFJ
Description  Low saturation with PDMOS output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDXXFC0WEFJ Datasheet(HTML) 11 Page - Rohm

Back Button BDXXFC0WEFJ Datasheet HTML 7Page - Rohm BDXXFC0WEFJ Datasheet HTML 8Page - Rohm BDXXFC0WEFJ Datasheet HTML 9Page - Rohm BDXXFC0WEFJ Datasheet HTML 10Page - Rohm BDXXFC0WEFJ Datasheet HTML 11Page - Rohm BDXXFC0WEFJ Datasheet HTML 12Page - Rohm BDXXFC0WEFJ Datasheet HTML 13Page - Rohm BDXXFC0WEFJ Datasheet HTML 14Page - Rohm BDXXFC0WEFJ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/17
Datasheet
BDxxFC0WEFJ series
TSZ02201-0R6R0A600480-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.08.27 Rev.001
www.rohm.com
TSZ22111
・15・001
●I/O equivalent circuit
●Output Voltage Configuration Method (BD00FC0WEFJ)
Please connect resistors R1 and R2 (which determines the output voltage) as shown in Figure 22.
Please be aware that the offset, due to the current that flows from the FB terminal, becomes large when resistors with large
values are used. Resistance values ranging from R2=5k
to 10k
is recommended.
VOUT setting equation is,
VOUT
≒VFB×(R1+R2)/R2
Thoroughly check the constant settings on the application because
circuit current increases depending on connected resistor.
Resistance value of R2 is from 5k
to 10k .
Determine R1 by adjusting with R2.
Figure 22.
EN terminal
Vcc terminal
VOUT terminal
(BD00FC0WEFJ)
(BDxxFC0WEFJ)
FB terminal
Figure 21.
(BD00FC0WEFJ)
Vcc
Vo
R3
R2
R1
EN
200kΩ
200kΩ
1kΩ
R1
R2
OUT
OUT
OUT
FB
IC
FB pin
VOUT
R1
R2
VFB
≒0.75V
(TYP.)


Similar Part No. - BDXXFC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
More results

Similar Description - BDXXFC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5266P MITSUBISHI-M5266P Datasheet
263Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5265P MITSUBISHI-M5265P Datasheet
285Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5270L MITSUBISHI-M5270L Datasheet
252Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5269L MITSUBISHI-M5269L Datasheet
140Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
NEC
UPC3018 NEC-UPC3018 Datasheet
76Kb / 12P
   LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
logo
Diodes Incorporated
ZXTN2011G DIODES-ZXTN2011G Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com