Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDXXFC0WEFJ Datasheet(PDF) 8 Page - Rohm

Part # BDXXFC0WEFJ
Description  Low saturation with PDMOS output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDXXFC0WEFJ Datasheet(HTML) 8 Page - Rohm

Back Button BDXXFC0WEFJ Datasheet HTML 4Page - Rohm BDXXFC0WEFJ Datasheet HTML 5Page - Rohm BDXXFC0WEFJ Datasheet HTML 6Page - Rohm BDXXFC0WEFJ Datasheet HTML 7Page - Rohm BDXXFC0WEFJ Datasheet HTML 8Page - Rohm BDXXFC0WEFJ Datasheet HTML 9Page - Rohm BDXXFC0WEFJ Datasheet HTML 10Page - Rohm BDXXFC0WEFJ Datasheet HTML 11Page - Rohm BDXXFC0WEFJ Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/17
Datasheet
BDxxFC0WEFJ series
TSZ02201-0R6R0A600480-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2013.08.27 Rev.001
www.rohm.com
TSZ22111
・15・001
●Measurement setup for reference data
■BD00FC0WEFJ series(5.0V Output Setting)
Measurement setup for Figure 6
Measurement setup for Figure 7
Measurement setup for Figure 8
Measurement setup for Figure 9
Measurement setup for Figure 10
Measurement setup for Figure 11
Measurement setup for Figure 12
Measurement setup for Figure 13
Measurement setup for Figure 14
Measurement setup for Figure 15
Measurement setup for Figure 16
Measurement setup for Figure 17
5V
Vcc
EN
GND
FB
OUT
1µF
FEEDBACK_R
56.7k
Ω
10k
Ω
1µF
Vcc
EN
GND
FB
OUT
1µF
56.7k
Ω
10k
Ω
1µF
5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
500mA
5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
13.5V
5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
4.75V
5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
13.5V
1Vrms
100mA
5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
13.5V
FEEDBACK
_R
5V
Vcc
EN
GND
FB
OUTT
1µF
1µF
56.7k
Ω
10k
Ω
13.5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
13.5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
13.5V
Vcc
EN
GND
FB
OUT
1µF
1µF
56.7k
Ω
10k
Ω
13.5V
5V


Similar Part No. - BDXXFC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
More results

Similar Description - BDXXFC0WEFJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5266P MITSUBISHI-M5266P Datasheet
263Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5265P MITSUBISHI-M5265P Datasheet
285Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5270L MITSUBISHI-M5270L Datasheet
252Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5269L MITSUBISHI-M5269L Datasheet
140Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
NEC
UPC3018 NEC-UPC3018 Datasheet
76Kb / 12P
   LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
logo
Diodes Incorporated
ZXTN2011G DIODES-ZXTN2011G Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com