Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60051FV-C Datasheet(PDF) 2 Page - Rohm

Part # BM60051FV-C
Description  Fault signal output function
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60051FV-C Datasheet(HTML) 2 Page - Rohm

  BM60051FV-C Datasheet HTML 1Page - Rohm BM60051FV-C Datasheet HTML 2Page - Rohm BM60051FV-C Datasheet HTML 3Page - Rohm BM60051FV-C Datasheet HTML 4Page - Rohm BM60051FV-C Datasheet HTML 5Page - Rohm BM60051FV-C Datasheet HTML 6Page - Rohm BM60051FV-C Datasheet HTML 7Page - Rohm BM60051FV-C Datasheet HTML 8Page - Rohm BM60051FV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2/44
TSZ02201-0818ABH00010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
20.May.2015 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BM60051FV-C
Recommended Range Of External Constants
Pin Configuration
Pin Name
Symbol
Recommended Value
Unit
Min
Typ
Max
TC
(Note2)
RTC
1.25
-
50
TC
(Note3)
RTC
0.1
1
10
VBATT
CVBATT
3
-
-
µF
VCC1
CVCC1
0.2
-
-
µF
VCC2
CVCC2
0.4
-
-
µF
VREG
CVREG
0.1
1
10
µF
(Note2) Use Temperature monitor
(Note3) No use Temperature monitor
Pin Descriptions
Pin No.
Pin Name
Function
1
GND2
Output-side ground pin
2
UVLOIN
Output-side UVLO setting pin
3
SCPIN1
Short circuit current detection pin 1
4
SCPIN2
Short circuit current detection pin 2
5
SCPIN3
Short circuit current detection pin 3
6
TO1
Constant current output pin / sensor voltage input pin 1
7
TO2
Constant current output pin / sensor voltage input pin 2
8
TC
Constant current setting resistor connection pin
9
PROOUT
Soft turn-OFF pin /Gate voltage input pin
10
VCC2
Output-side power supply pin
11
OUT1
Output pin
12
NC
No connect
13
OUT2
Output pin for Miller Clamp
14
GND2
Output-side ground pin
15
GND1
Input-side ground pin
16
FLT
Fault output pin
17
DIS
Input enabling signal input pin
18
INA
Control input pin
19
OSFB
Output state feedback output pin
20
SENSOR
Temperature information output pin
21
VCC1
Input-side power supply pin
22
FB
Error amplifier inverting input pin for switching controller
23
COMP
Error amplifier output pin for switching controller
24
V_BATT
Main power supply pin
25
VREG
Power supply pin for driving MOS FET for switching controller
26
FET_G
MOS FET control pin for switching controller
27
SENSE
Current feedback resistor connection pin for switching controller
28
GND1
Input-side ground pin
(TOP VIEW)
GND1
28
SENSE
27
FET_G
26
VREG
25
V_BATT
24
COMP
23
FB
22
VCC1
SENSOR
20
OSFB
19
9
21
INA
18
DIS
17
FLT
16
GND1
15
GND2
1
UVLOIN
2
SCPIN1
3
SCPIN2
4
SCPIN3
5
TO1
6
TO2
7
TC
8
PROOUT
9
VCC2 10
OUT1 14
1
NC 12
OUT2 13
GND2 14
Figure 2. Pin configuration


Similar Part No. - BM60051FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60051FV-CE2 ROHM-BM60051FV-CE2 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results

Similar Description - BM60051FV-C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977AEVKIT MAXIM-MAX5977AEVKIT Datasheet
1Mb / 13P
   Demonstrates Latched-Fault Output
Rev 0; 1/11
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
CML Microcircuits
MX019 CMLMICRO-MX019 Datasheet
184Kb / 13P
   Output Mute Function
FX019 CMLMICRO-FX019 Datasheet
108Kb / 7P
   Output Mute Function
logo
Silicon Touch Technolog...
PS257 SITI-PS257 Datasheet
319Kb / 14P
   Fault-protection output with open drain output stage
logo
Maxim Integrated Produc...
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
   Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
logo
Rohm
BM2LD080FJ-C ROHM-BM2LD080FJ-C Datasheet
2Mb / 28P
   with Output Diagnostic Function
10.Mar.2023 Rev.001
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
logo
List of Unclassifed Man...
WT7511 ETC-WT7511 Datasheet
61Kb / 1P
   protection circuits, power good output (PGO), fault protection latch (FPL_N) and a protection detector function (PDON_N) control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com