Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1104KB2-L3 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1104KB2-L3
Description  800MHz BAND LNA GaAs MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-L3 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1104KB2-L3 Datasheet HTML 1Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 2Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 3Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-L3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NJG1104KB2
- 3 -
nTERMINAL INFORMATION
Pin
Function
Description
1
SOURCE
This terminal is internally connected to FET’s source of LNA. Please connect self-
bias resistor (R1) and bypass capacitor (C3) through source inductor (L5). NF and
IIP3 are tunable by C3 and L5.
2, 4
GND
Ground (0V) terminal. Ground plane should be placed as close to the ground
terminals. .
3
RFout
RF output and drain voltage supplies terminal. External matching circuit is
required.
5
VCONT Gain control voltage (VCONT) supplies terminal.
6
RFin
RF input terminal. External matching circuit and DC blocking capacitor are required.


Similar Part No. - NJG1104KB2-L3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1101F NJRC-NJG1101F Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C1 NJRC-NJG1101F-C1 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C2 NJRC-NJG1101F-C2 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C3 NJRC-NJG1101F-C3 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C4 NJRC-NJG1101F-C4 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1104KB2-L3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
   800mhZ band mixer gAaS mmic
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1138HA8 NJRC-NJG1138HA8 Datasheet
509Kb / 14P
   900MHz Band LNA GaAs MMIC
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com