Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3101 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3101_15 Datasheet HTML 2Page - Linear Technology LTC3101_15 Datasheet HTML 3Page - Linear Technology LTC3101_15 Datasheet HTML 4Page - Linear Technology LTC3101_15 Datasheet HTML 5Page - Linear Technology LTC3101_15 Datasheet HTML 6Page - Linear Technology LTC3101_15 Datasheet HTML 7Page - Linear Technology LTC3101_15 Datasheet HTML 8Page - Linear Technology LTC3101_15 Datasheet HTML 9Page - Linear Technology LTC3101_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTC3101
6
3101fb
Current Limit Thresholds vs
Temperature
Buck Switch RDS(ON)
Buck-Boost P-Channel Switch
RDS(ON)
Buck-Boost N-Channel Switch
RDS(ON)
Buck Switch RDS(0N)
Buck-Boost P-Channel Switch
RDS(0N)
Buck-Boost N-Channel Switch
RDS(0N)
Feedback Voltages
LDO Output Voltage
TEMPERATURE (°C)
–50
400
500
600
PMOS
NMOS
150
3101 G11
300
200
0
0
50
100
100
800
700
TEMPERATURE (°C)
–50
180
200
240
100
3101 G12
160
140
0
50
150
120
100
220
SWITCH D
SWITCH A
SWITCH A´
TEMPERATURE (°C)
–50
100
150
150
3101 G13
50
0
0
50
100
250
SWITCH B
SWITCH C
200
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
0
0.1
0.3
0.4
0.5
3
5
6
0.9
3101 G14
0.2
24
0.6
0.7
0.8
PMOS SWITCHES
NMOS SWITCHES
SUPPLY VOLTAGE, VBAT, VUSB OR VOUT3 (V)
1
0.22
0.26
0.30
5
3101 G15
0.18
0.14
0.20
0.24
0.28
0.16
0.12
0.10
2
3
4
6
SWITCH D
SWITCH A´
SWITCH A
SUPPLY VOLTAGE, VBAT OR VUSB (V)
1
0.16
0.18
0.20
5
3101 G16
0.14
0.12
0.15
0.17
0.19
0.13
0.11
0.10
2
3
4
6
SWITCH B
SWITCH C
TEMPERATURE (°C)
–50
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
0
50
3101 G17
–0.3
0.3
0.4
0.1
100
150
FB3
FB1, FB2
TEMPERATURE (°C)
–50
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
0
50
3101 G18
–0.6
0.6
0.8
0.2
100
150
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise specified)
TEMPERATURE (°C)
–50
–10
–8
–4
–2
0
10
4
0
50
3101 G10
–6
6
8
2
100
BUCK P-CHANNEL
CURRENT LIMIT
BUCK-BOOST
INDUCTOR
CURRENT LIMIT


Similar Part No. - LTC3101_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101 LINER-LTC3101_10 Datasheet
537Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
More results

Similar Description - LTC3101_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101 LINER-LTC3101 Datasheet
421Kb / 32P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101_10 Datasheet
537Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
HITRON ELECTRONICS CORP...
HDU45 HITRON-HDU45 Datasheet
307Kb / 4P
   DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Power Integrations, Inc...
DI-69 POWERINT-DI-69 Datasheet
264Kb / 2P
   15 W Multi-Output DC-DC Converter
logo
Murata Manufacturing Co...
MYMGC3R32EFPF2RB MURATA1-MYMGC3R32EFPF2RB Datasheet
1Mb / 18P
   MonoBKTM , Multi output DC-DC Converter Series
2018
logo
Texas Instruments
LM5127-Q1 TI-LM5127-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   LM5127-Q1 2.2MHz Wide VIN Automotive Front-stage Multi-rail DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com