Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3371 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3371_15 Datasheet HTML 5Page - Linear Technology LTC3371_15 Datasheet HTML 6Page - Linear Technology LTC3371_15 Datasheet HTML 7Page - Linear Technology LTC3371_15 Datasheet HTML 8Page - Linear Technology LTC3371_15 Datasheet HTML 9Page - Linear Technology LTC3371_15 Datasheet HTML 10Page - Linear Technology LTC3371_15 Datasheet HTML 11Page - Linear Technology LTC3371_15 Datasheet HTML 12Page - Linear Technology LTC3371_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC3371
9
3371fa
For more information www.linear.com/LTC3371
Typical perForMance characTerisTics
3A Buck Efficiency vs ILOAD,
VOUT = 1.8V
3A Buck Efficiency vs ILOAD,
VOUT = 2.5V
4A Buck Efficiency vs ILOAD,
VOUT = 1.8V
4A Buck Efficiency vs ILOAD,
VOUT = 2.5V
1A Buck Efficiency vs ILOAD
(Across Operating Frequency)
1A Buck Efficiency vs Frequency
(Forced Continuous Mode)
2A Buck Efficiency vs ILOAD,
VOUT = 2.5V
TA = 25°C unless otherwise noted.
1A Buck Power Loss vs ILOAD,
VOUT = 3.3V
2A Buck Efficiency vs ILOAD,
VOUT = 1.8V
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
3371 G29
0
1
100
1000
10
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
BURST MODE
FORCED
CONTINUOUS
MODE
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
3371 G30
0
1
100
1000
10
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
BURST MODE
FORCED
CONTINUOUS
MODE
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
3371 G31
0
1
100
1000
10
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
BURST MODE
FORCED
CONTINUOUS
MODE
LOAD CURRENT (mA)
300
900
1000
200
100
800
500
700
600
400
3371 G28
0
1
100
1000
10
BURST MODE
VOUT = 3.3V
fOSC = 2MHz
L = 2.2µH
VIN = 4.2V
VIN = 5.5V
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
3371 G32
0
1
100
1000
10
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
BURST MODE
FORCED
CONTINUOUS
MODE
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
3371 G33
0
1
100
1000
10
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
BURST MODE
FORCED
CONTINUOUS
MODE
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
3371 G34
0
1
100
1000
10
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
BURST MODE
FORCED
CONTINUOUS
MODE
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
3371 G35
0
1
100
1000
10
VOUT = 1.8V
VIN = 3.3V
fOSC = 1MHz, L = 3.3µH
fOSC = 2MHz, L = 2.2µH
fOSC = 3MHz, L = 1µH
fOSC = 1MHz, L = 3.3µH
fOSC = 2MHz, L = 2.2µH
fOSC = 3MHz, L = 1µH
FORCED
CONTINUOUS
MODE
BURST MODE
FREQUENCY (MHz)
1
1.8
2.8
1.4
2.4
2.2
3371 G36
3
1.6
2.6
1.2
2
30
90
100
20
10
80
50
70
60
40
0
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VOUT = 1.8V
ILOAD = 100mA
L = 3.3µH


Similar Part No. - LTC3371_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
   4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3371 LINER-LTC3371 Datasheet
5Mb / 44P
   60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3371 AD-LTC3371 Datasheet
3Mb / 26P
   5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
LTC3371 AD-LTC3371 Datasheet
1Mb / 24P
   Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3371 AD-LTC3371 Datasheet
1Mb / 22P
   Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results

Similar Description - LTC3371_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
   4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
   4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
   4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
   4-Channel 8A Configurable Buck DC/DCs
LTC3372 LINER-LTC3372 Datasheet
5Mb / 44P
   60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640 Datasheet
572Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
logo
Maxim Integrated Produc...
MAX698 MAXIM-MAX698 Datasheet
117Kb / 4P
   Low Cost Power-On Reset and Watchdog Controllers
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com