Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN5
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN5_15 Datasheet HTML 1Page - Diodes Incorporated DMN5_15 Datasheet HTML 2Page - Diodes Incorporated DMN5_15 Datasheet HTML 3Page - Diodes Incorporated DMN5_15 Datasheet HTML 4Page - Diodes Incorporated DMN5_15 Datasheet HTML 5Page - Diodes Incorporated DMN5_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN5/L06VK/L06VAK/010VAK
Document number: DS30769 Rev. 11 - 2
1 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN5/L06VK/L06VAK/010VAK
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Features
Dual N-Channel MOSFET
Low On-Resistance
Very Low Gate Threshold Voltage, 1.0V max
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
ESD Protected up to 2kV
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: SOT563
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.006 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN5L06VK-7
SOT563
3,000/Tape & Reel
DMN5L06VK-13
SOT563
10,000/Tape & Reel
DMN5L06VAK-7
SOT563
3,000/Tape & Reel
DMN5L06VAK-13
SOT563
10,000/Tape & Reel
DMN5010VAK-7
SOT563
3,000/Tape & Reel
DMN5010VAK-13
SOT563
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information (Note 5)
DMN5L06VK
DMN5010VAK
DMN5L06VAK
KAB YM
S
1
D2
G
1
D1
S2
G2
KAB= DMN5L06VK Product Type
Marking Code (See Note 5)
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
xxx YM
S
1
D2
G
1
D1
S
2
G2
xxx = Product Type Marking Code:
KAE or KAC (See Note 5)
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
T
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Note:
5. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
SOT563
Top View
ESD protected up to 2kV
DMN5L06VK
DMN5L06VAK
DMN5010VAK
G
1
D
1
D
2
S2
S
1
G2
S
1
D
1
D
2
S2
G
1
G
2
e3


Similar Part No. - DMN5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5010VAK DIODES-DMN5010VAK Datasheet
174Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN5010VAK-13 DIODES-DMN5010VAK-13 Datasheet
490Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN5010VAK-13A DIODES-DMN5010VAK-13A Datasheet
490Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN5010VAK-7 DIODES-DMN5010VAK-7 Datasheet
174Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN5010VAK-7 DIODES-DMN5010VAK-7 Datasheet
490Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN5_15

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com