Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN32D2LV Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN32D2LV
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN32D2LV Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN32D2LV_15 Datasheet HTML 1Page - Diodes Incorporated DMN32D2LV_15 Datasheet HTML 2Page - Diodes Incorporated DMN32D2LV_15 Datasheet HTML 3Page - Diodes Incorporated DMN32D2LV_15 Datasheet HTML 4Page - Diodes Incorporated DMN32D2LV_15 Datasheet HTML 5Page - Diodes Incorporated DMN32D2LV_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN32D2LV
Document number: DS31121 Rev. 8 - 2
2 of 6
www.diodes.com
March 2015
© Diodes Incorporated
DMN32D2LV
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±10
V
Drain Current (Note 5)
ID
400
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Total Power Dissipation (Note 5)
PD
400
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
313
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
@ TJ = +25°C
IDSS
1
µA
VDS = 30V, VGS = 0V
Gate-Body Leakage
@ TJ = +25°C
IGSS
±1
±10
±500
±100
µA
nA
nA
VGS = ±10V, VDS = 0V
VGS = ±5V, VDS = 0V
VGS = ±2.5V, VDS = 0V
Gate-Body Leakage (Note 7)
@ TJ = +105°C
@ TJ = +125°C
IGSS
±8
±15
±100
±100
nA
nA
VGS = ±2.5V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.6
1.2
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
2.2
1.5
1.2
VGS = 1.8V, ID = 20mA
VGS = 2.5V, ID = 20mA
VGS = 4.0V, ID = 100mA
Forward Transconductance
|Yfs|
100
mS
VDS =10V, ID = 0.1A
Source-Drain Diode Forward Voltage
VSD
0.5
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
39
pF
VDS = 3V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
10
pF
Reverse Transfer Capacitance
Crss
3.6
pF
Switching Time
Turn-on Time
ton
11
nS
VDD = 5V, ID = 10 mA,
VGS = 5V
Turn-off Time
toff
51
nS
Notes:
5. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN32D2LV_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN32D2LV-7 DIODES-DMN32D2LV-7 Datasheet
185Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN32D2LV_15

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com