Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN601TK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN601TK
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601TK Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN601TK_15 Datasheet HTML 1Page - Diodes Incorporated DMN601TK_15 Datasheet HTML 2Page - Diodes Incorporated DMN601TK_15 Datasheet HTML 3Page - Diodes Incorporated DMN601TK_15 Datasheet HTML 4Page - Diodes Incorporated DMN601TK_15 Datasheet HTML 5Page - Diodes Incorporated DMN601TK_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN601TK
Document number: DS30654 Rev. 6 - 2
1 of 6
www.diodes.com
September 2014
© Diodes Incorporated
DMN601TK
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
60V
2
Ω @ VGS = 10V
0.3A
3
Ω @ VGS = 5V
0.2A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making
it ideal for high efficiency power management applications.
Applications
Motor Control
Power Management Functions
Features
Low On-Resistance: RDS(ON)
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected Up To 2kV
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-523
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish
 Matte Tin Annealed over Alloy 42
Leadframe. Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.002 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN601TK-7
SOT-523
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
SOT-523
TOP VIEW
TOP VIEW
Pin Out Configuration
ESDProtected up to 2kV
S o u rc e
E Q U IVA L E N T C IR C U IT
G a te
P ro te c tio n
D io d e
G a te
D ra in
G
S
D


Similar Part No. - DMN601TK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN601TK DIODES-DMN601TK_17 Datasheet
411Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN601TK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com