Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002KQ-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002KQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002KQ-7 Datasheet HTML 1Page - Diodes Incorporated 2N7002KQ-7 Datasheet HTML 2Page - Diodes Incorporated 2N7002KQ-7 Datasheet HTML 3Page - Diodes Incorporated 2N7002KQ-7 Datasheet HTML 4Page - Diodes Incorporated 2N7002KQ-7 Datasheet HTML 5Page - Diodes Incorporated 2N7002KQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N7002K
Document number: DS30896 Rev. 14 - 2
2 of 6
www.diodes.com
August 2013
© Diodes Incorporated
2N7002K
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
380
300
mA
t<5s
TA = +25°C
TA = +70°C
ID
430
340
mA
Continuous Drain Current (Note 6) VGS = 5V
Steady
State
TA = +25°C
TA = +70°C
ID
310
240
mA
t<5s
TA = +25°C
TA = +70°C
ID
350
270
mA
Maximum Continuous Body Diode Forward Current (Note 6)
IS
0.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%) (Note 6)
IDM
1.2
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
370
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
357
°C/W
t<5s
292
Total Power Dissipation (Note 6)
PD
540
mW
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
240
°C/W
t<5s
197
Thermal Resistance, Junction to Case (Note 6 )
RθJC
91
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
1.0
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.0
1.6
2.5
V
VDS = 10V, ID = 1mA
Static Drain-Source On-Resistance
RDS(ON)
2.0
3.0
VGS = 10V, ID = 0.5A
VGS = 5V, ID = 0.05A
Forward Transfer Admittance
|Yfs|
80
ms
VDS =10V, ID = 0.2A
Diode Forward Voltage
VSD
0.75
1.1
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
30
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
4.2
25
pF
Reverse Transfer Capacitance
Crss
2.9
5.0
pF
Gate Resistance
Rg
133
f = 1MHz , VGS = 0V, VDS = 0V
Total Gate Charge
Qg
0.3
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
0.2
nC
Gate-Drain Charge
Qgd
0.08
nC
Turn-On Delay Time
tD(on)
3.9
ns
VDD = 30V, VGS = 10V,
RG = 25Ω, ID = 200mA
Turn-On Rise Time
tr
3.4
ns
Turn-Off Delay Time
tD(off)
15.7
ns
Turn-Off Fall Time
tf
9.9
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout
6. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - 2N7002KQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002KQ-7 DIODES-2N7002KQ-7 Datasheet
624Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
March 2021
More results

Similar Description - 2N7002KQ-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com