Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002-13-F
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002-13-F Datasheet HTML 1Page - Diodes Incorporated 2N7002-13-F Datasheet HTML 2Page - Diodes Incorporated 2N7002-13-F Datasheet HTML 3Page - Diodes Incorporated 2N7002-13-F Datasheet HTML 4Page - Diodes Incorporated 2N7002-13-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N7002
Document number: DS11303 Rev. 33 - 2
2 of 5
www.diodes.com
July 2013
© Diodes Incorporated
2N7002
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage RGS  1.0M
VDGR
60
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +85°C
TA = +100°C
ID
170
120
105
mA
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +85°C
TA = +100°C
ID
210
150
135
mA
Maximum Body Diode Forward Current (Note 7)
Pulsed
Continuous
IS
0.5
2
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
800
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 6)
PD
370
mW
(Note 7)
540
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
348
°C/W
(Note 7)
241
Thermal Resistance, Junction to Case
(Note 7)
RθJC
91
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
70
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
@ TC = +25°C
@ TC = +125°C
IDSS
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
@ TJ = +25°C
@ TJ = +25°C
@ TJ = +125°C
RDS(ON)
3.2
4.4
7.5
5.0
13.5
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
mS
VDS =10V, ID = 0.2A
Diode Forward Voltage
VSD
0.78
1.5
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
11
25
pF
Reverse Transfer Capacitance
Crss
2.0
5.0
pF
Gate resistance
Rg

120
Ω
VDS = 0V, VGS = 0V,
f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg

223
pC
VDS = 10V, ID = 250mA
Gate-Source Charge
Qgs

82
Gate-Drain Charge
Qgd

178
SWITCHING CHARACTERISTICS (Note 9)
Turn-On Delay Time
tD(on)
2.8
ns
VDD = 30V, ID = 0.2A,
RL = 150, VGEN = 10V,
RGEN = 25
Turn-On Rise Time
tr
3.0
Turn-Off Delay Time
tD(off)

7.6
Turn-Off Fall Time
tf

5.6
Notes:
6. Device mounted on FR-4 PCB, with minimum recommended pad layout
7. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.


Similar Part No. - 2N7002-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002-13-F DIODES-2N7002-13-F Datasheet
346Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - 2N7002-13-F

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com