Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3638 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3638
Description  High Efficiency, 140V 250mA Step-Down Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3638 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3638_15 Datasheet HTML 3Page - Linear Technology LTC3638_15 Datasheet HTML 4Page - Linear Technology LTC3638_15 Datasheet HTML 5Page - Linear Technology LTC3638_15 Datasheet HTML 6Page - Linear Technology LTC3638_15 Datasheet HTML 7Page - Linear Technology LTC3638_15 Datasheet HTML 8Page - Linear Technology LTC3638_15 Datasheet HTML 9Page - Linear Technology LTC3638_15 Datasheet HTML 10Page - Linear Technology LTC3638_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC3638
7
3638fa
For more information www.linear.com/LTC3638
BLOCK DIAGRAM
COUT
CIN
VIN
VOUT
+
+
+
3
D1
+
+
+
PEAK CURRENT
COMPARATOR
SWITCH NODE
COMPARATOR
FEEDBACK
COMPARATOR
VOLTAGE
REFERENCE
VPRG2
GND
GND
SS
SS
VPRG1
GND
SS
GND
SS
R1
1.0M
4.2M
2.5M
1.0M
R2
800k
800k
800k
VOUT
ADJUSTABLE
5V FIXED
3.3V FIXED
1.8V FIXED
START-UP: 50µA
NORMAL: 5µA
IMPLEMENT DIVIDER
EXTERNALLY FOR
ADJUSTABLE VERSION
VIN
1
SW
L1
GND
LOGIC
16
SS
R2
R1
5V
5V
20µA
FBO
70
10
5
GND
8
GND
17
VFB
9
VPRG1
7
VPRG2
3638 BD
6
0.800V
OVLO
1.21V
12
1.21V
RUN
14
ISET
11
ACTIVE: 5µA
SLEEP: 1µA
1.3V


Similar Part No. - LTC3638_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3638 LINER-LTC3638 Datasheet
614Kb / 26P
   High Efficiency, 140V 250mA Step-Down Regulator
LTC3638 LINER-LTC3638 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3638 LINER-LTC3638 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC3638 AD-LTC3638 Datasheet
1Mb / 32P
   140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC3638_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3638 LINER-LTC3638 Datasheet
614Kb / 26P
   High Efficiency, 140V 250mA Step-Down Regulator
LTC7138 LINER-LTC7138 Datasheet
478Kb / 24P
   High Efficiency, 140V 400mA Step-Down Regulator
LTC7138 LINER-LTC7138_15 Datasheet
478Kb / 24P
   High Efficiency, 140V 400mA Step-Down Regulator
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
   Fast, High Efficiency Step-Down Regulator
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
   High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com