Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN601VK_15 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN601VK_15
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601VK_15 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN601VK_15_15 Datasheet HTML 1Page - Diodes Incorporated DMN601VK_15_15 Datasheet HTML 2Page - Diodes Incorporated DMN601VK_15_15 Datasheet HTML 3Page - Diodes Incorporated DMN601VK_15_15 Datasheet HTML 4Page - Diodes Incorporated DMN601VK_15_15 Datasheet HTML 5Page - Diodes Incorporated DMN601VK_15_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN601VK
Document number: DS30655 Rev. 5 - 2
2 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DMN601VK
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 5)
Continuous Pulsed (Note 6)
ID
305
800
mA
Thermal Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
Pd
250
mW
Thermal Resistance, Junction to Ambient
RJA
500
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
250
nA
VDS = 50V, VGS = 0V
Gate-Source Leakage
IGSS
500
nA
VGS = 10V, VDS = 0V
100
VGS = 5V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.0
1.6
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
2.0
3.0
VGS = 10V, ID = 0.5A
VGS = 4.5V, ID = 200mA
Forward Transfer Admittance
|Yfs|
284
ms
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 7)
VSD
0.5
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
5.0
pF
Notes:
5. Device mounted on FR-4 PCB.
6. Pulse width
10S, Duty Cycle 1%.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMN601VK_15_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN601VK-7 DIODES-DMN601VK-7 Datasheet
134Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30655 Rev. 2 - 2
DMN601VK-7 DIODES-DMN601VK-7 Datasheet
292Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN601VKQ DIODES-DMN601VKQ Datasheet
366Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN601VKQ-7 DIODES-DMN601VKQ-7 Datasheet
366Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN601VK DIODES-DMN601VK_07 Datasheet
292Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN601VK_15_15

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com