Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDM7-650 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CDM7-650
Description  SURFACE MOUNT SILICON N-CHANNEL MEDIUM POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CDM7-650 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CDM7-650 Datasheet HTML 1Page - Central Semiconductor Corp CDM7-650 Datasheet HTML 2Page - Central Semiconductor Corp CDM7-650 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDM7-650
SURFACE MOUNT SILICON
N-CHANNEL
MEDIUM POWER MOSFET
7.0 AMP, 650 VOLT
DPAK CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Gate
2) Drain
3) Source
4) Drain
Pin 2 is common to the tab (4)
MARKING: FULL PART NUMBER
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
UNITS
Qg(tot)
VDS=520V, VGS=10V, ID=7.0A (Note 2)
16.8
nC
Qgs
VDS=520V, VGS=10V, ID=7.0A (Note 2)
5.0
nC
Qgd
VDS=520V, VGS=10V, ID=7.0A (Note 2)
6.0
nC
td
VDD=325V, ID=7.0A, RG=25Ω (Note 2)
14
ns
tr
VDD=325V, ID=7.0A, RG=25Ω (Note 2)
28
ns
ts
VDD=325V, ID=7.0A, RG=25Ω (Note 2)
38
ns
tf
VDD=325V, ID=7.0A, RG=25Ω (Note 2)
28
ns
trr
VGS=0, IS=7.0A, di/dt=100A/μs (Note 2)
493
ns
Qrr
VGS=0, IS=7.0A, di/dt=100A/μs (Note 2)
2.99
μC
Notes: (2) Pulse Width < 300μs, Duty Cycle < 2%
www.centr a lsemi.com
R2 (2-July 2014)


Similar Part No. - CDM7-650

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
CDM7-650 DOINGTER-CDM7-650 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - CDM7-650

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDM4-650 CENTRAL-CDM4-650 Datasheet
902Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL MEDIUM POWER MOSFET
CMPDM303NH CENTRAL-CMPDM303NH_12 Datasheet
353Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CXDM1002N CENTRAL-CXDM1002N Datasheet
849Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8001 CENTRAL-CEDM8001_15 Datasheet
820Kb / 4P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM303NH CENTRAL-CMPDM303NH_15 Datasheet
353Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M621H CENTRAL-CTLDM7120-M621H_15 Datasheet
462Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMPDM7003 CENTRAL-CMPDM7003 Datasheet
329Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7120TG CENTRAL-CMLDM7120TG Datasheet
539Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7120G CENTRAL-CMLDM7120G Datasheet
539Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMNDM7001 CENTRAL-CMNDM7001 Datasheet
429Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com