Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPDM7002A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPDM7002A
Description  SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPDM7002A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPDM7002A Datasheet HTML 1Page - Central Semiconductor Corp CMPDM7002A Datasheet HTML 2Page - Central Semiconductor Corp CMPDM7002A Datasheet HTML 3Page - Central Semiconductor Corp CMPDM7002A Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMPDM7002A
CMPDM7002AG*
SURFACE MOUNT SILICON
N-CHANNEL
ENHANCEMENT-MODE
MOSFET
LEAD CODE:
1) Gate
2) Source
3) Drain
MARKING CODES:
CMPDM7002A:
C702A
CMPDM7002AG*: 702G
* Device is Halogen Free by design
SOT-23 CASE - MECHANICAL OUTLINE
3
2
1
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
Qg(tot)
VDS=30V, VGS=4.5V, ID=100mA
0.592
nC
Qgs
VDS=30V, VGS=4.5V, ID=100mA
0.196
nC
Qgd
VDS=30V, VGS=4.5V, ID=100mA
0.148
nC
ton, toff
VDD=30V, VGS=10V, ID=200mA,
RG=25Ω, RL=150Ω
20
ns
www.centr a lsemi.com
R5 (9-February 2015)


Similar Part No. - CMPDM7002A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
100Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SURFACE MOUNT MOSFET
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
332Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMPDM7002AE CENTRAL-CMPDM7002AE Datasheet
1Mb / 2P
   60V, 300mA N-Channel MOSFET in SOT-23 package
CMPDM7002AE_1310 CENTRAL-CMPDM7002AE_1310 Datasheet
791Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM7002AE CENTRAL-CMPDM7002AE_15 Datasheet
791Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMPDM7002A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMNDM7001 CENTRAL-CMNDM7001_15 Datasheet
429Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7004 CENTRAL-CMUDM7004_15 Datasheet
398Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CZDM1003N CENTRAL-CZDM1003N Datasheet
940Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM303NH CENTRAL-CMPDM303NH Datasheet
349Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7001 CENTRAL-CMUDM7001 Datasheet
347Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7001 CENTRAL-CEDM7001 Datasheet
361Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7004 CENTRAL-CEDM7004 Datasheet
1,006Kb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7002A-M621H CENTRAL-CTLDM7002A-M621H Datasheet
422Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M563 CENTRAL-CTLDM7120-M563 Datasheet
643Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM3590 CENTRAL-CTLDM3590 Datasheet
1Mb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7002AE CENTRAL-CEDM7002AE_15 Datasheet
811Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com