Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10040200GT Datasheet(PDF) 2 Page - RF Micro Devices

Part # D10040200GT
Description  GaAs Power Doubler Hybrid 40MHz to 1000MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

D10040200GT Datasheet(HTML) 2 Page - RF Micro Devices

  D10040200GT Datasheet HTML 1Page - RF Micro Devices D10040200GT Datasheet HTML 2Page - RF Micro Devices D10040200GT Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 3
D10040200GT
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω
Power Gain
19.5
20.0
20.5
dB
f = 50MHz
20.0
21.5
22.0
dB
f = 1000MHz
Slope
[1]
1.0
1.5
2.0
dB
f = 40MHz to 1000MHz
Flatness of Frequency Response
0.8
dB
f = 40MHz to 1000MHz (Peak to Valley)
Input Return Loss
20.0
dB
f = 40MHz to 320MHz
19.0
dB
f = 320MHz to 640MHz
17.0
dB
f = 640MHz to 870MHz
16.0
dB
f = 870MHz to 1000MHz
Output Return Loss
20.0
dB
f = 40MHz to 320MHz
19.0
dB
f = 320MHz to 640MHz
18.0
dB
f = 640MHz to 870MHz
17.0
dB
f = 870MHz to 1000MHz
Noise Figure
5.5
6.5
dB
f = 50MHz to 1000MHz
Total Current Consumption (DC)
350.0
375.0
mA
Distortion Data 40MHz to 870MHz
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω
CTB
-64
-62
dBc
132 ch flat; VO = 44dBmV
[2]
XMOD
-60
-58
dBc
CSO
-65
-63
dBc
1. The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2. 132 channels, NTSC frequency raster: 55.25MHz to 865.25MHz, +44dBmV flat output level. Composite Second Order (CSO) - The CSO parameter
(both sum and difference products) is defined by the NCTA. Composite Triple Beat (CTB) - The CTB parameter is defined by the NCTA. Cross
Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier
being tested.


Similar Part No. - D10040200GT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10040200GT ETC1-D10040200GT Datasheet
126Kb / 4P
   Product Specification
logo
PREMIER DEVICES, INC.
D10040200GT PDI-D10040200GT Datasheet
126Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
logo
Qorvo, Inc
D10040200GT QORVO-D10040200GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
PREMIER DEVICES, INC.
D10040200GTH PDI-D10040200GTH Datasheet
156Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
logo
RF Micro Devices
D10040200GTH RFMD-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results

Similar Description - D10040200GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040180GTH RFMD-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040250GTH RFMD-D10040250GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040270GT QORVO-D10040270GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040180GTH QORVO-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
RF Micro Devices
D10040180GT RFMD-D10040180GT Datasheet
228Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040240GT RFMD-D10040240GT Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040250GT RFMD-D10040250GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040270GTH RFMD-D10040270GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040200GTH QORVO-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
RF Micro Devices
D10040200GTH RFMD-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com