Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS54-0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS54-0001
Description  Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS54-0001 Datasheet(HTML) 2 Page - Tyco Electronics

  DS54-0001 Datasheet HTML 1Page - Tyco Electronics DS54-0001 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.0
Specifications subject to change without notice.
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
DS54-0001
2
1. Exceeding these limits may cause permanent damage.
2. With Internal load dissipation of 0.125 W maximum.
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power²
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Recommended PCB Configuration
(Dimensions in Inches)
Functional Diagram
1
1. Pins 1, 2, 4, 6, 7, 8, 9, 10, 11, 13, 15 and 16 must be RF and DC
grounded.


Similar Part No. - DS54-0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
DS54-0001-TR MA-COM-DS54-0001-TR Datasheet
81Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
DS54-0001SAM MA-COM-DS54-0001SAM Datasheet
81Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
More results

Similar Description - DS54-0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
   Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS53-0001 MA-COM-DS53-0001 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
   Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
M/A-COM Technology Solu...
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com