Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10040200PH1 Datasheet(PDF) 2 Page - RF Micro Devices

Part # D10040200PH1
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

D10040200PH1 Datasheet(HTML) 2 Page - RF Micro Devices

  D10040200PH1 Datasheet HTML 1Page - RF Micro Devices D10040200PH1 Datasheet HTML 2Page - RF Micro Devices D10040200PH1 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131211
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 3
D10040200PH1
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω
Power Gain
18.5
19.0
19.5
dB
f = 45MHz
20.0
20.5
21.5
dB
f = 1000MHz
Slope
[1]
1.0
1.5
2.5
dB
f = 45MHz to 1000MHz
Flatness of Frequency Response
0.8
dB
f = 45MHz to 1000MHz (Peak to Valley)
Input Return Loss
20
dB
f = 45MHz to 320MHz
19
dB
f = 320MHz to 640MHz
18
dB
f = 640MHz to 870MHz
16
dB
f = 870MHz to 1000MHz
Output Return Loss
20
dB
f = 45MHz to 320MHz
19
dB
f = 320MHz to 640MHz
18
dB
f = 640MHz to 870MHz
17
dB
f = 870MHz to 1000MHz
Noise Figure
3.0
4.0
dB
f = 50MHz to 1000MHz
Total Current Consumption (DC)
430.0
450.0
mA
Distortion Data 40MHz to 550MHz
V+ = 24V; TMB = 30°C; ZS = ZL = 75Ω
CTB
-77
-74
dBc
79 ch 7 dB tilted; V0 = 50dBmV at 550MHz, plus 75 digital channels
(-6dB offset)
[2]
XMOD
-71
-68
dBc
CSO
-71
-68
dBc
CIN
65
68
dB
1. The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2. 79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +43dBmV to +50dBmV tilted output level, plus 75 digital channels, -6dB offset
relative to the equivalent analog carrier.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB) - The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.
Carrier to Intermodulation Noise (CIN) - The CIN parameter is defined by ANSI/SCTE 17 (Test Procedure for Carrier to Noise).


Similar Part No. - D10040200PH1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040200PL1 RFMD-D10040200PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
More results

Similar Description - D10040200PH1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PH1 RFMD-D10040230PH1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040200PL1 RFMD-D10040200PL1 Datasheet
266Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFPD2930 RFMD-RFPD2930 Datasheet
558Kb / 5P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
RFPD2580 RFMD-RFPD2580 Datasheet
129Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1200MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD2710 RFMD-RFPD2710 Datasheet
267Kb / 3P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
logo
Qorvo, Inc
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD2650 RFMD-RFPD2650 Datasheet
586Kb / 6P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1003MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com