Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS8J13 Datasheet(PDF) 2 Page - Rohm

Part # QS8J13
Description  Small Surface Mount Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QS8J13 Datasheet(HTML) 2 Page - Rohm

  QS8J13 Datasheet HTML 1Page - Rohm QS8J13 Datasheet HTML 2Page - Rohm QS8J13 Datasheet HTML 3Page - Rohm QS8J13 Datasheet HTML 4Page - Rohm QS8J13 Datasheet HTML 5Page - Rohm QS8J13 Datasheet HTML 6Page - Rohm QS8J13 Datasheet HTML 7Page - Rohm QS8J13 Datasheet HTML 8Page - Rohm QS8J13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QS8J13
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
total
RthJA*3
-
83.3
-
/W
element
-
100
-
l
lElectrical characteristics (Ta = 25°C) <It is the same characteristics for the Tr1 and Tr2>
 
   
   
 
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = -1mA
-12
-
-
V
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS ID = -1mA
-
-5.0
-
mV/
   ΔTj    referenced to 25
Zero gate voltage
drain current
IDSS
VDS = -12V, VGS = 0V
-
-
-10
μA
Gate - Source
leakage current
IGSS
VDS = 0V, VGS = -8V
-
-
-10
μA
Gate threshold
voltage
VGS(th)
VDS = -6V, ID = -1mA
-0.3
-
-1.0
V
Gate threshold voltage
temperature coefficient
 ΔVGS(th)  ID = -1mA
-
2.7
-
V/
   ΔTj    referenced to 25
Static drain - source
on - state resistance
RDS(on)*4
VGS = -4.5V, ID = -5.5A
-
15
22
VGS = -2.5V, ID = -2.7A
-
19
28
VGS = -1.8V, ID = -2.7A
-
24
38
VGS = -1.5V, ID = -1.1A
-
29
58
Transconductance
gfs*4
VDS = -6V, ID = -5.5A
8.5
-
-
S
*1 Limited only by maximum temperature allowed.
*2 Pw ≤ 10μs, Duty cycle ≤ 1%
*3 Mounted on a ceramic board.
*4 Pulsed
                                                 
 
                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
2/11
20140806 - Rev.001


Similar Part No. - QS8J13

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
More results

Similar Description - QS8J13

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8MA4 ROHM-QH8MA4 Datasheet
4Mb / 20P
   Small Surface Mount Package
QH8KA2 ROHM-QH8KA2 Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E055BN ROHM-RQ6E055BN Datasheet
2Mb / 12P
   Small Surface Mount Package
QH8MA3 ROHM-QH8MA3 Datasheet
4Mb / 20P
   Small Surface Mount Package
RQ7E055AT ROHM-RQ7E055AT Datasheet
2Mb / 12P
   Small Surface Mount Package
SH8K41 ROHM-SH8K41 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
Diodes Incorporated
DMN33D8LT DIODES-DMN33D8LT Datasheet
256Kb / 5P
   Small Surface Mount Package
logo
Rohm
RQ6E030AT ROHM-RQ6E030AT Datasheet
2Mb / 12P
   Small Surface Mount Package
UT6J3 ROHM-UT6J3 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
ILSI America LLC
I616 ILSI-I616 Datasheet
49Kb / 2P
   Small Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com