Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5007FNX Datasheet(PDF) 10 Page - Rohm

Part # R5007FNX
Description  Nch 500V 7A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R5007FNX Datasheet(HTML) 10 Page - Rohm

Back Button R5007FNX Datasheet HTML 6Page - Rohm R5007FNX Datasheet HTML 7Page - Rohm R5007FNX Datasheet HTML 8Page - Rohm R5007FNX Datasheet HTML 9Page - Rohm R5007FNX Datasheet HTML 10Page - Rohm R5007FNX Datasheet HTML 11Page - Rohm R5007FNX Datasheet HTML 12Page - Rohm R5007FNX Datasheet HTML 13Page - Rohm R5007FNX Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
R5007FNX
           
               
Datasheet
l
lElectrical characteristic curves
Fig.18 Typical Capacitance vs. Drain -
 Source Voltage
Fig.19 Coss Stored Energy
Fig.20 Switching Characteristics
Fig.21 Dynamic Input Characteristics
                                                                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
10/13
20140320 - Rev.001


Similar Part No. - R5007FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANJ ROHM-R5007ANJ Datasheet
170Kb / 4P
   10V Drive Nch MOSFET
R5007ANJ ROHM-R5007ANJ Datasheet
273Kb / 6P
   10V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
R5007ANJTL VBSEMI-R5007ANJTL Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Rohm
R5007ANJ ROHM-R5007ANJ_09 Datasheet
273Kb / 6P
   10V Drive Nch MOSFET
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R5007FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6007ENJ ROHM-R6007ENJ Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6507KND3 ROHM-R6507KND3 Datasheet
2Mb / 14P
   Nch 650V 7A Power MOSFET
R6007KNJ ROHM-R6007KNJ Datasheet
2Mb / 13P
   Nch 600V 7A Power MOSFET
RSS070N05FRA ROHM-RSS070N05FRA Datasheet
2Mb / 14P
   Nch 45V 7A Power MOSFET
R6007ENX ROHM-R6007ENX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007END3 ROHM-R6007END3 Datasheet
2Mb / 16P
   Nch 600V 7A Power MOSFET
R6007RND3 ROHM-R6007RND3 Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
20220425 - Rev.001
R6007JNX ROHM-R6007JNX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007JND3 ROHM-R6007JND3 Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007JNJ ROHM-R6007JNJ Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com