Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB160MM-50 Datasheet(PDF) 2 Page - Rohm

Part # RB160MM-50
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB160MM-50 Datasheet(HTML) 2 Page - Rohm

  RB160MM-50 Datasheet HTML 1Page - Rohm RB160MM-50 Datasheet HTML 2Page - Rohm RB160MM-50 Datasheet HTML 3Page - Rohm RB160MM-50 Datasheet HTML 4Page - Rohm RB160MM-50 Datasheet HTML 5Page - Rohm RB160MM-50 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB160MM-50
lElectrical Characteristic Curves
FORWARD VOLTAGE : V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-IR CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
V
F DISPERSION MAP
0.001
0.01
0.1
1
0
100
200
300
400
500
600
T
j = 75°C
T
j = 25°C
T
j = 125°C
T
j = -25°C
T
j = 150°C
10
100
1000
0
10
20
30
T
j = 25°C
f = 1MHz
440
445
450
455
460
465
470
475
480
AVE. : 454.4mV
T
j=25°C
I
F=1.0A
n=30pcs
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
50
T
j = 75°C
T
j = 25°C
T
j = 125°C
T
j = -25°C
T
j = 150°C
2/5
2014.09 - Rev.A


Similar Part No. - RB160MM-50

ManufacturerPart #DatasheetDescription
logo
Rohm
RB160MM-50 ROHM-RB160MM-50 Datasheet
730Kb / 9P
   Schottky Barrier Diode
RB160MM-50 ROHM-RB160MM-50_16 Datasheet
730Kb / 9P
   Schottky Barrier Diode
More results

Similar Description - RB160MM-50

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com