Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLB-400-T1 Datasheet(PDF) 1 Page - RF Micro Devices

Part # NLB-400-T1
Description  Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-400-T1 Datasheet(HTML) 1 Page - RF Micro Devices

  NLB-400-T1 Datasheet HTML 1Page - RF Micro Devices NLB-400-T1 Datasheet HTML 2Page - RF Micro Devices NLB-400-T1 Datasheet HTML 3Page - RF Micro Devices NLB-400-T1 Datasheet HTML 4Page - RF Micro Devices NLB-400-T1 Datasheet HTML 5Page - RF Micro Devices NLB-400-T1 Datasheet HTML 6Page - RF Micro Devices NLB-400-T1 Datasheet HTML 7Page - RF Micro Devices NLB-400-T1 Datasheet HTML 8Page - RF Micro Devices NLB-400-T1 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131016
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
NLB-400
Cascadable Broadband GaAs MMIC Amplifier
DC to 6GHz
The NLB-400 cascadable broadband InGaP/GaAs MMIC amplifier is a
low-cost, high-performance solution for general purpose RF and
microwave amplification needs. This 50
Ω gain block is based on a
reliable HBT proprietary MMIC design, providing unsurpassed
performance for small-signal applications. Designed with an external
bias resistor, the NLB-400 provides flexibility and stability. The NLB-
400 is packaged in a low cost, surface-mount plastic package,
providing ease of assembly for high-volume tape-and-reel
requirements.
Functional Block Diagram
Ordering Information
NLB-400
Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
NLB-400-T1
Tape & Reel, 1000 Pieces
NLB-400-E
Fully Assembled Evaluation Board
NBB-X-K1
Extended Frequency InGaP Amp Designer’s Tool Kit
Package: Micro-X, 4-pin, Plastic
Features
Reliable, Low-Cost HBT Design
15.5dB Gain, +12.0dBm
P1dB at 2Ghz
High P1dB of
+14.6dBm at 6.0GHz
Single Power Supply Operation
50
Ω I/O Matched for High
Frequency Use
Applications
Narrow and Broadband
Commercial and Military Radio
Designs
Linear and Saturated Amplifiers
Gain Stage or Driver Amplifiers
for MWRadio/Optical Designs
(PTP/PMP/LMDS/UNII/VSAT/
WLAN/Cellular/DWDM)
NLB-400


Similar Part No. - NLB-400-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400-T1 RFMD-NLB-400-T1 Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
More results

Similar Description - NLB-400-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
RF3816 RFMD-RF3816 Datasheet
59Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-400 RFMD-NBB-400_13 Datasheet
563Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com