Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS10040320GW-017 Datasheet(PDF) 1 Page - RF Micro Devices

Part # OS10040320GW-017
Description  GaAs Optical Receiver 40MHz to 1000MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

OS10040320GW-017 Datasheet(HTML) 1 Page - RF Micro Devices

  OS10040320GW-017 Datasheet HTML 1Page - RF Micro Devices OS10040320GW-017 Datasheet HTML 2Page - RF Micro Devices OS10040320GW-017 Datasheet HTML 3Page - RF Micro Devices OS10040320GW-017 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140319
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
OS10040320PW
GaAs Optical Receiver
40MHz to 1000MHz
The OS10040320PW is a hybrid high dynamic range optical
receiver amplifier module. Two of the module pins are for
connection to 24V (DC), one for amplifier supply voltage, the other
for the PIN diode bias. The module contains a single mode optical
input suitable for wavelengths from 1290nm to 1600nm, a terminal
to monitor the PIN diode current, and an electrical output with an
impedance of 75
Ω.
Package: SOT-115J
Features
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Very Low EINC
Standard CATV Outline
Excellent Flatness
260mA Max. at 24V+
Applications
40MHz to 1000MHz CATV
Amplifier Systems
Ordering Information
OS10040320GW-012
Box with 3 Pieces
OS10040320GW-013
Box with 3 Pieces
OS10040320GW-014
Box with 3 Pieces
OS10040320GW-015
Box with 3 Pieces
OS10040320GW-016
Box with 3 Pieces
OS10040320GW-017
Box with 3 Pieces
See Page 3
V+
OPTICAL INPUT
OUTPUT
BIAS
MONITOR
OS10040320PW


Similar Part No. - OS10040320GW-017

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
OS10040320GW-017 QORVO-OS10040320GW-017 Datasheet
337Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
More results

Similar Description - OS10040320GW-017

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
OS10040320PW QORVO-OS10040320PW Datasheet
337Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
logo
RF Micro Devices
OS10040280GW RFMD-OS10040280GW Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
logo
Qorvo, Inc
OS10040280GW QORVO-OS10040280GW Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
logo
RF Micro Devices
D10040180GTH RFMD-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
S10040230GT RFMD-S10040230GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
D10040250GTH RFMD-D10040250GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040280GT QORVO-S10040280GT Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
D10040270GT QORVO-D10040270GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
D10040180GTH QORVO-D10040180GTH Datasheet
264Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
RF Micro Devices
D10040180GT RFMD-D10040180GT Datasheet
228Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com