Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130126-0229 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130126-0229
Description  Super-Safeway Weather-Resistant Push Button Cover, Two Speed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130126-0229 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130126-0229 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130126-0229
Status:
Active
Overview:
Push-Button Pendant Products
Description:
Super-Safeway™ Weather-Resistant Push Button Cover, Two Speed
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Push Buttons / Testers
Series
130126
Enclosure Rating
N/A
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8071
Product Name
Super-Safeway™
Type
FD Box - Wet Location
UPC
78678875433
Woodhead
Yes
Physical
Cord Diameter
N/A
Cord Grip Body Size
N/A
Emergency Stop
No
Material - Body
Rubber
Number of Buttons
2
Number of Speeds
Two
Packaging Type
Carton
Electrical
Voltage - Maximum
250V
Material Info
Old Part Number
4032-2
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130126Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130126-0229

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0222 MOLEX11-130126-0222 Datasheet
32Kb / 1P
   Super-Safeway Six Button Station, Single Speed, with Emergency-Stop
130126-0223 MOLEX11-130126-0223 Datasheet
31Kb / 1P
   Super-Safeway Six Button Station, Replacement Gasket
130126-0224 MOLEX11-130126-0224 Datasheet
49Kb / 1P
   Super-Safeway Eight Button Station, Two Speed
130126-0226 MOLEX11-130126-0226 Datasheet
40Kb / 1P
   Super-Safeway Eight Button Station, Single Speed, with Emergency-Stop
130126-0227 MOLEX11-130126-0227 Datasheet
31Kb / 1P
   Super-Safeway Eight Button Station, Replacement Gasket
More results

Similar Description - 130126-0229

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0228 MOLEX11-130126-0228 Datasheet
49Kb / 1P
   Super-Safeway Weather-Resistant Push Button Cover, Single Speed
1301260228 MOLEX11-1301260228 Datasheet
42Kb / 1P
   Super-Safeway Weather-Resistant Push Button Cover, Single Speed
1301260230 MOLEX11-1301260230 Datasheet
33Kb / 1P
   Super-Safeway Weather-Resistant Push Button Cover, Single Speed, Black
130126-0230 MOLEX11-130126-0230 Datasheet
41Kb / 1P
   Super-Safeway Weather-Resistant Push Button Cover, Single Speed, Black
1301260200 MOLEX11-1301260200 Datasheet
46Kb / 1P
   Super-Safeway Two Button Station, Two Speed
130126-0200 MOLEX11-130126-0200 Datasheet
42Kb / 1P
   Super-Safeway Two Button Station, Two Speed
1301260200 MOLEX1-1301260200_17 Datasheet
34Kb / 1P
   Super-Safeway Two Button Station, Two Speed
1301260208 MOLEX1-1301260208_17 Datasheet
34Kb / 1P
   Super-Safeway Three Button Station, Two Speed
130126-0219 MOLEX11-130126-0219 Datasheet
42Kb / 1P
   Super-Safeway Six Button Station, Two Speed
1301260208 MOLEX11-1301260208 Datasheet
35Kb / 1P
   Super-Safeway Three Button Station, Two Speed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com