Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DU1260T Datasheet(PDF) 3 Page - Tyco Electronics

Part # DU1260T
Description  RF MOSFET Power Transistor, 6OW, 12V 2 - 175 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DU1260T Datasheet(HTML) 3 Page - Tyco Electronics

  DU1260T Datasheet HTML 1Page - Tyco Electronics DU1260T Datasheet HTML 2Page - Tyco Electronics DU1260T Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - DU1260T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DU1260T MA-COM-DU1260T Datasheet
156Kb / 3P
   RF Power MOSFET Transistor 60W, 2-175MHz, 12V
More results

Similar Description - DU1260T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DU2860U MACOM-DU2860U Datasheet
203Kb / 3P
   RF MOSFET Power Transistor, 6OW, 28V 2 - 175 MHz
DU2860T MACOM-DU2860T Datasheet
182Kb / 3P
   RF MOSFET Power Transistor, 6OW, 28V 2 - 175 MHz
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
   RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
   RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
DU2810S MACOM-DU2810S Datasheet
147Kb / 2P
   RF MOSFET Power Transistor, lOW, 28V 2 - 175 MHz
DU28120T MACOM-DU28120T Datasheet
183Kb / 3P
   RF MOSFET Power Transistor, 12OW, 28V 2 - 175 MHz
DU2840S MACOM-DU2840S Datasheet
188Kb / 3P
   RF MOSFET Power Transistor, 4OW, 28V 2 - 175 MHz
DU2805S MACOM-DU2805S Datasheet
194Kb / 3P
   RF MOSFET Power Transistor, 5W, 28V 2 - 175 MHz
DU2880V MACOM-DU2880V Datasheet
190Kb / 3P
   RF MOSFET Power Transistor, 8OW, 28V 2 - 175 MHz
DU28200M MACOM-DU28200M Datasheet
177Kb / 3P
   RF MOSFET Power Transistor, 2OOW, 28V 2 - 175 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com