Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1104KB2-C3 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1104KB2-C3
Description  800MHz BAND LNA GaAs MMIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-C3 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1104KB2-C3 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 9Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 10Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 11Page - New Japan Radio NJG1104KB2-C3 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NJG1104KB2
- 11 -
nRECOMMENDED CIRCUIT
nRECOMMENDED PCB DESIGN
Parts List (f=830~900MHz)
PARTS ID
Constant
Comment
L1
22nH
TAIYO-YUDEN HK1005 Series
L2
22nH
TAIYO-YUDEN HK1608 Series
L3
22nH
TAIYO-YUDEN HK1005 Series
L4
15nH
TAIYO-YUDEN HK1005 Series
L5
5.6nH
TAIYO-YUDEN HK1005 Series
C1, C4, C5
1000pF
MURATA GRM36 Series
C2
6pF
MURATA GRM36 Series
C3
100pF
MURATA GRM36 Series
R1
120
-
PCB: FR4 t=0.2mm
MICROSTRIP LINE WIDTH=0.4mm(Zo=50
Ω)
PCB SIZE: 20.0x20.0mm
RF Input
RF Output
L1
L2
C1
L5
R1
C3
L3
L4
C5
C4
V
CONT
V
DD
C2
PRECAUTIONS
1) The inductor of 1608 size is
recommended for NF
characteristics.
2) The value of C3 is selected
to get lower gain and higher
output IP3.
RF Output
RF Input
C3
VCONT=0.2V to 1.7V
GND
VDD=2.8V
ATT
AMP
C1
L2
L1
L3
L4
C2
C4
C5
GND
L5
R1
1
2
3
6
5
4
RFout
SOURCE
RFin
Vcont


Similar Part No. - NJG1104KB2-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1101F NJRC-NJG1101F Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C1 NJRC-NJG1101F-C1 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C2 NJRC-NJG1101F-C2 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C3 NJRC-NJG1101F-C3 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C4 NJRC-NJG1101F-C4 Datasheet
337Kb / 15P
   WIDE BAND AGC AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1104KB2-C3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
   800mhZ band mixer gAaS mmic
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1138HA8 NJRC-NJG1138HA8 Datasheet
509Kb / 14P
   900MHz Band LNA GaAs MMIC
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com