Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3582 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3582
Description  Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3582_15 Datasheet HTML 7Page - Linear Technology LT3582_15 Datasheet HTML 8Page - Linear Technology LT3582_15 Datasheet HTML 9Page - Linear Technology LT3582_15 Datasheet HTML 10Page - Linear Technology LT3582_15 Datasheet HTML 11Page - Linear Technology LT3582_15 Datasheet HTML 12Page - Linear Technology LT3582_15 Datasheet HTML 13Page - Linear Technology LT3582_15 Datasheet HTML 14Page - Linear Technology LT3582_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3582/LT3582-5/LT3582-12
11
3582512fb
APPLICATIONS INFORMATION
Figure 1. Data Transfer Over I2C Bus
I2C Interface
The LT3582 series contains an I2C compatible interface
allowing it to be digitally configured. The use of this interface
is optional for the LT3582-5 and LT3582-12 as these parts
are pre-configured at the factory. The CA, SDA and SCL
pins can be grounded if the I2C interface is unused.
The I2C interface has reduced input threshold voltages to
allow for direct communication with low voltage digital
ICs (see Electrical Characteristics). I2C communication
is disabled when SHDN is low. After SHDN rises, I2C
communication is re-enabled after a delay of 64μs (typical).
The chip is a read-write slave device which allows the user
to read the current settings and, for the LT3582, write
new ones. Most settings can be made permanent via the
One-Time-Programmable memory. The chip will always
enable using the data stored in OTP and the LT3582 can
be reconfigured after power-up.
START and STOP Conditions
When the bus is idle, both SCL and SDA are high. A bus
mastersignalsthebeginningofatransmissionwithaSTART
condition by transitioning SDA from high to low while SCL
is high, as shown in Figure 1. When the master has finished
communicating with the slave, it issues a STOP condition
by transitioning SDA from low to high while SCL is high.
The bus is then free for another transmission.
ACKnowledge
The acknowledge signal (ACK) is used in handshaking
between transmitter and receiver to indicate that the most
recent byte of data was received. The transmitter always
releases the SDA line during the acknowledge clock pulse.
When the slave is the receiver, it pulls down the SDA line
so that it remains LOW during this pulse to acknowledge
receipt of the data. If the slave fails to acknowledge
by leaving SDA high, then the master may abort the
transmission by generating a STOP condition. When the
master is receiving data from the slave, the master pulls
down the SDA line during the clock pulse to indicate receipt
of the data. After the last byte has been received the master
leaves the SDA line HIGH (not acknowledge) and issues a
stop condition to terminate the transmission.
Device Addressing
The LT3582 series supports two 7-bit chip addresses
depending on the logic state of the CA pin. The addresses
are 0110 001 (CA = 1) and 1000 101 (CA = 0). Also, there
are seven internal data byte locations as shown in Table 1.
OTP0-OTP2 are the OTP memory bytes. REG0-REG2
are the corresponding volatile registers used for storing
alternate settings. Finally, the Command Register (CMDR)
is used for additional control of the chip.
3582512 F01
SCL
SDA
R/W
CHIP
ADDRESS
START
CONDITION
STOP
CONDITION
ACK
DATA
ACK
DATA
1-7
B7 - B0
B7 - B0
A6 - A0
89
1-7
8
9
1-7
8
S
P
9
ACK


Similar Part No. - LT3582_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-12 LINER-LT3582-12 Datasheet
376Kb / 28P
   I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
LT3582-12 LINER-LT3582-12 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
More results

Similar Description - LT3582_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582 Datasheet
376Kb / 28P
   I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
logo
Torex Semiconductor
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
   Inductor Built-in Inverting ?쐌icro DC/DC??Converters
logo
Linear Technology
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Linear Technology
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com