Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDA2032ZSQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RDA2032ZSQ
Description  50 MHz TO 1000 MHz DIGITAL VGA WITH 6-BIT 0.5 dB PARALLEL CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RDA2032ZSQ Datasheet(HTML) 1 Page - RF Micro Devices

  RDA2032ZSQ Datasheet HTML 1Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 2Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 3Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 4Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 5Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 6Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 7Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 8Page - RF Micro Devices RDA2032ZSQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
BiFET HBT
LDMOS
RDA2032Z
50MHz TO 1000MHz DIGITAL VGA WITH 6-BIT
0.5dB PARALLEL CONTROL
RFMD’s RDA2032Z is a digital controlled variable gain amplifier (DVGA) featuring
high linearity over the entire gain control range. The attenuation of the 6-bit digital
step attenuator is programmed with a parallel mode control interface. The
RDA2032Z has two amplifier stages packaged in a small 5.2mmx5.2mm leadless
laminate MCM containing plated through thermal vias for ultra low thermal resis-
tance. The footprint for this module is directly compatible with a 5mmx5mm 32-pin
QFN. This module is easy to use with no external matching components required.
Features
Broadband 50MHz to 1000MHz
Operation
6-Bit Digital Step Attenuator
Parallel Mode Gain Programming
Max Gain=38.8dB at 140MHz
Gain Control Range=31.5dB
(0.5dB Step Size)
High OIP3/P1dB=+42/20dBm
at 140MHz
Single +5V Supply
3V or 5V Logic Level Compatible
Small 32-Pin, 5.2mmx5.2mm,
MCM
Footprint Compatible with
5mmx5mm 32-Pin QFN
Applications
Linear IF Applications
Cellular, 3G Infrastructure
WiBro, WiMAX, LTE
Microwave Radio
High Linearity Power Control
DS100813
Package: MCM 32-Pin, 5.2mmx5.2mm
RDA2032Z
50MHz to
1000MHz Dig-
ital VGa with 6-
Bit 0.5dB Par-
allel Control


Similar Part No. - RDA2032ZSQ

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RDA2U4 HAMMOND-RDA2U4 Datasheet
56Kb / 1P
   Ensemble dadaptateurs de profondeur pour rails
RDA2U4 HAMMOND-RDA2U4 Datasheet
177Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RDA2032ZSQ

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC627LP5 HITTITE-HMC627LP5_10 Datasheet
1,023Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
HMC708LP5 HITTITE-HMC708LP5_10 Datasheet
1,017Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC707LP5 HITTITE-HMC707LP5_10 Datasheet
989Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
HMC707LP5 HITTITE-HMC707LP5 Datasheet
585Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC624LFLP4E HITTITE-HMC624LFLP4E Datasheet
638Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, 60 - 500 MHz
logo
Analog Devices
ADL5330 AD-ADL5330_05 Datasheet
869Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
ADL5330 AD-ADL5330_15 Datasheet
870Kb / 24P
   10 MHz to 3 GHz VGA with 60 dB Gain Control Range
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com