Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ3E160AD Datasheet(PDF) 1 Page - Rohm

Part # RQ3E160AD
Description  Nch 30V 16A Middle Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ3E160AD Datasheet(HTML) 1 Page - Rohm

  RQ3E160AD Datasheet HTML 1Page - Rohm RQ3E160AD Datasheet HTML 2Page - Rohm RQ3E160AD Datasheet HTML 3Page - Rohm RQ3E160AD Datasheet HTML 4Page - Rohm RQ3E160AD Datasheet HTML 5Page - Rohm RQ3E160AD Datasheet HTML 6Page - Rohm RQ3E160AD Datasheet HTML 7Page - Rohm RQ3E160AD Datasheet HTML 8Page - Rohm RQ3E160AD Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RQ3E160AD
  Nch 30V 16A Middle Power MOSFET
  
Datasheet
l
lOutline
VDSS
30V
HSMT8
           
RDS(on)(Max.)
4.5mΩ
 
ID
±16A
 
 
PD
2W
 
 
           
           
l
lInner circuit
l
lFeatures
1) Low on - resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package.
4) Pb-free lead plating ; RoHS compliant
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
330
l
lApplication
Tape width (mm)
12
Switching
Basic ordering unit (pcs)
3000
Taping code
TB
Marking
E160AD
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
30
V
Continuous drain current
ID*1
±16
A
Pulsed drain current
ID,pulse*2
±64
A
Gate - Source voltage
VGSS
±20
V
Avalanche energy, single pulse
EAS*3
23
mJ
Avalanche current
IAS*3
16
A
Power dissipation
PD*4
2
W
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
                                                                                         
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
1/11
20140821 - Rev.001
 
   
 


Similar Part No. - RQ3E160AD

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ3E100AT ROHM-RQ3E100AT Datasheet
2Mb / 13P
   Pch -30V -31A Power MOSFET
RQ3E100BN ROHM-RQ3E100BN Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
RQ3E100BNFU7TB ROHM-RQ3E100BNFU7TB Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
RQ3E100BNTB ROHM-RQ3E100BNTB Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
RQ3E100GN ROHM-RQ3E100GN Datasheet
2Mb / 13P
   Nch 30V 21A Middle Power MOSFET
More results

Similar Description - RQ3E160AD

ManufacturerPart #DatasheetDescription
logo
Rohm
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
SP8K2FRA ROHM-SP8K2FRA Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HS8K1 ROHM-HS8K1 Datasheet
4Mb / 19P
   30V Nch plus Nch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com