Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2051 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2051
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2051 Datasheet HTML 6Page - RF Micro Devices RF2051 Datasheet HTML 7Page - RF Micro Devices RF2051 Datasheet HTML 8Page - RF Micro Devices RF2051 Datasheet HTML 9Page - RF Micro Devices RF2051 Datasheet HTML 10Page - RF Micro Devices RF2051 Datasheet HTML 11Page - RF Micro Devices RF2051 Datasheet HTML 12Page - RF Micro Devices RF2051 Datasheet HTML 13Page - RF Micro Devices RF2051 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: RF Mixers - VDD=3V, TA=25°C unless stated, as measured on RF2051 evaluation
board, for application schematic see page 36.
Mixer Typical LO Leakage at IF Output
IF Output=100MHz
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
RF Input Frequency (MHz)
-40°C, Path 1
-40°C, Path 2
+27°C, Path 1
+27°C, Path 2
+85°C, Path 1
+85°C, Path 2
Mixer 1 Typical RF and LO Leakage at IF Output
-70
-60
-50
-40
-30
-20
-10
0
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
IF Output at 100MHz
RF Leakage
LO Leakage (High Side)
Full Duplex Mode Typical Isolation Between
Mixers
50
60
70
80
90
100
0
500
1000
1500
2000
2500
RF Frequency (MHz)
Mixer 2 Typical IF and LO Leakage at RF Input
-80
-70
-60
-50
-40
-30
-20
-10
0
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
100MHz IF Leakage to RF Port
LO Leakage (High Side) to RF
Mixer 1 Typical IF and LO Leakage at RF Input
-80
-70
-60
-50
-40
-30
-20
-10
0
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
100MHz IF Leakage to RF Port
LO Leakage (High Side) to RF
Mixer 2 Typical RF and LO Leakage at IF Output
-70
-60
-50
-40
-30
-20
-10
0
250
500
750
1000
1250
1500
1750
RF Input Frequency (MHz)
IF Output at 100MHz
RF Leakage
LO Leakage (High Side)


Similar Part No. - RF2051

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
More results

Similar Description - RF2051

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF2051 QORVO-RF2051 Datasheet
1Mb / 39P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
RF2054 RFMD-RF2054 Datasheet
2Mb / 39P
   LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
logo
Qorvo, Inc
RF2054 QORVO-RF2054 Datasheet
2Mb / 39P
   LOW POWER PLL AND VCO WITH INTEGRATED MIXERS
logo
Renesas Technology Corp
8V97003 RENESAS-8V97003_V01 Datasheet
1Mb / 66P
   171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
April 8, 2021
8V97003 RENESAS-8V97003 Datasheet
2Mb / 65P
   171.875MHz to 18GHz RF / mmWave Wideband Synthesizer with Integrated VCO
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
   High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com