Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ5L015SP Datasheet(PDF) 8 Page - Rohm

Part # RQ5L015SP
Description  High Power small mold Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ5L015SP Datasheet(HTML) 8 Page - Rohm

Back Button RQ5L015SP Datasheet HTML 4Page - Rohm RQ5L015SP Datasheet HTML 5Page - Rohm RQ5L015SP Datasheet HTML 6Page - Rohm RQ5L015SP Datasheet HTML 7Page - Rohm RQ5L015SP Datasheet HTML 8Page - Rohm RQ5L015SP Datasheet HTML 9Page - Rohm RQ5L015SP Datasheet HTML 10Page - Rohm RQ5L015SP Datasheet HTML 11Page - Rohm RQ5L015SP Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RQ5L015SP
           
               
Datasheet
l
lElectrical characteristic curves
Fig.14 Static Drain - Source On - State
 Resistance vs. Drain Current(I)
Fig.15 Static Drain - Source On - State
 Resistance vs. Drain Current(II)
Fig.16 Static Drain - Source On - State
 Resistance vs. Drain Current(III)
Fig.17 Static Drain - Source On - State
 Resistance vs. Drain Current()
                                                                                           
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
8/11
20140825 - Rev.004


Similar Part No. - RQ5L015SP

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ5L035GN ROHM-RQ5L035GN Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
More results

Similar Description - RQ5L015SP

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ5A030AP ROHM-RQ5A030AP Datasheet
2Mb / 12P
   High Power small mold Package
RF4E075AT ROHM-RF4E075AT Datasheet
2Mb / 12P
   High Power small mold Package
logo
Leshan Radio Company
L2SC4226T1G LRC-L2SC4226T1G Datasheet
175Kb / 5P
   High-Frequency Amplifier Transistor Small Mini Mold Package
logo
Rohm
KDZTR24B ROHM-KDZTR24B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR5.1B ROHM-KDZTR5.1B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR6.2B ROHM-KDZTR6.2B Datasheet
116Kb / 5P
   Small power mold type.
PTZTE2520A ROHM-PTZTE2520A Datasheet
444Kb / 11P
   Small power mold type
KDZTR20B ROHM-KDZTR20B Datasheet
118Kb / 5P
   Small power mold type
PTZTE2515B ROHM-PTZTE2515B Datasheet
154Kb / 5P
   Small power mold type. (PMDS)
logo
SHIKUES Electronics
RB715F SKTECHNOLGY-RB715F Datasheet
700Kb / 3P
   Extra small power mold type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com