Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ6E035AT Datasheet(PDF) 3 Page - Rohm

Part # RQ6E035AT
Description  Small Surface Mount Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ6E035AT Datasheet(HTML) 3 Page - Rohm

  RQ6E035AT Datasheet HTML 1Page - Rohm RQ6E035AT Datasheet HTML 2Page - Rohm RQ6E035AT Datasheet HTML 3Page - Rohm RQ6E035AT Datasheet HTML 4Page - Rohm RQ6E035AT Datasheet HTML 5Page - Rohm RQ6E035AT Datasheet HTML 6Page - Rohm RQ6E035AT Datasheet HTML 7Page - Rohm RQ6E035AT Datasheet HTML 8Page - Rohm RQ6E035AT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RQ6E035AT
           
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
475
-
pF
Output capacitance
Coss
VDS = -15V
-
85
-
Reverse transfer capacitance
Crss
f = 1MHz
-
65
-
Turn - on delay time
td(on)*5
VDD -15V,VGS = -10V
-
8
-
ns
Rise time
tr*5
ID = -1.8A
-
12
-
Turn - off delay time
td(off)*5
RL = 8.2Ω
-
40
-
Fall time
tf*5
RG = 10Ω
-
20
-
l
lGate charge characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD -15V
ID = -3.5A
VGS = -10V
-
10
-
nC
VGS = -4.5V
-
5.2
-
Gate - Source charge
Qgs*5
-
1.6
-
Gate - Drain charge
Qgd*5
-
1.9
-
l
lBody diode electrical characteristics (Source-Drain) (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Body diode continuous
forward current
IS*1
Ta = 25
-
-
-1.0
A
Body diode
pulse current
ISP*2
-
-
-12
Forward voltage
VSD*5
VGS = 0V, IS = -1.0A
-
-
-1.2
V
                                                   
 
                                     
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
3/11
20140624 - Rev.002


Similar Part No. - RQ6E035AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ6E030AT ROHM-RQ6E030AT Datasheet
2Mb / 12P
   Small Surface Mount Package
More results

Similar Description - RQ6E035AT

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8MA4 ROHM-QH8MA4 Datasheet
4Mb / 20P
   Small Surface Mount Package
QH8KA2 ROHM-QH8KA2 Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E055BN ROHM-RQ6E055BN Datasheet
2Mb / 12P
   Small Surface Mount Package
QH8MA3 ROHM-QH8MA3 Datasheet
4Mb / 20P
   Small Surface Mount Package
RQ7E055AT ROHM-RQ7E055AT Datasheet
2Mb / 12P
   Small Surface Mount Package
SH8K41 ROHM-SH8K41 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
Diodes Incorporated
DMN33D8LT DIODES-DMN33D8LT Datasheet
256Kb / 5P
   Small Surface Mount Package
logo
Rohm
RQ6E030AT ROHM-RQ6E030AT Datasheet
2Mb / 12P
   Small Surface Mount Package
UT6J3 ROHM-UT6J3 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
ILSI America LLC
I616 ILSI-I616 Datasheet
49Kb / 2P
   Small Surface Mount Package
logo
Rohm
QS8J13 ROHM-QS8J13 Datasheet
2Mb / 12P
   Small Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com