Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2053TR13 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2053TR13
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053TR13 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2053TR13 Datasheet HTML 1Page - RF Micro Devices RF2053TR13 Datasheet HTML 2Page - RF Micro Devices RF2053TR13 Datasheet HTML 3Page - RF Micro Devices RF2053TR13 Datasheet HTML 4Page - RF Micro Devices RF2053TR13 Datasheet HTML 5Page - RF Micro Devices RF2053TR13 Datasheet HTML 6Page - RF Micro Devices RF2053TR13 Datasheet HTML 7Page - RF Micro Devices RF2053TR13 Datasheet HTML 8Page - RF Micro Devices RF2053TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Note 1: The signal should be connected to this pin such that DC current cannot flow into or out of the chip, either by using AC
coupling capacitors or by use of a transformer (see evaluation board schematic).
Note 2: DC current needs to flow from ANA_VDD into this pin, either through an RF inductor, or transformer (see evaluation
board schematic).
Note 3: Alternatively an external reference can be AC-coupled to pin 11 XTALIPN, and pin 10 XTALIPP decoupled to ground. This
may make PCB routing simpler.
Pin
Function
Description
1ENBL
Ensure that the ENBL high voltage level is not greater than VDD. An RC low-pass filter could be used to reduce
digital noise.
2VCOINP
External VCO differential input. See note 1.
3VCOINN
External VCO differential input. See note 1.
4REXT
External bandgap bias resistor. Connect a 51k
 resistor from this pin to ground to set the bandgap reference
bias current. This could be a sensitive low frequency noise injection point.
5ANA_DEC
Analog supply decoupling capacitor. Connect to analog supply and apply RF decoupling to a good quality ground
as close to the pin as possible.
6LFILT1
Phase detector output. Low-frequency noise-sensitive node.
7NC
8NC
9MODE
Mode select pin. Connect to DIG_VDD if mode switching is not required.
10
XTALIPP
Reference crystal / reference oscillator input. Should be AC-coupled if an external reference is used. See note 3.
11
XTALIPN
Reference crystal / reference oscillator input. Should be AC-coupled to ground if an external reference is used.
See note 3.
12
GND
Connect to ground.
13
NC
14
NC
15
NC
16
NC
17
NC
18
NC
19
DIG_VDD
Digital supply. Should be decoupled as close to the pin as possible.
20
NC
21
NC
22
ANA_VDD
Analog supply. Should be decoupled as close to the pin as possible.
23
RFIPN
Differential input. See note 1.
24
RFIPP
Differential input. See note 1.
25
NC
26
NC
27
RFOPN
Differential output. See note 2.
28
RFOPP
Differential output. See note 2.
29
RESETB
Chip reset (active low). Connect to DIG_VDD if external reset is not required.
30
ENX
Serial interface select (active low). An RC low-pass filter could be used to reduce digital noise.
31
SCLK
Serial interface clock. An RC low-pass filter could be used to reduce digital noise.
32
SDATA
Serial interface data. An RC low-pass filter could be used to reduce digital noise.
EP
Exposed pad Connect to ground. This is the ground reference for the circuit. All decoupling should be connected here through
low impedance paths.


Similar Part No. - RF2053TR13

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2050D0050 ADAM-TECH-RF2050D0050 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050D0075 ADAM-TECH-RF2050D0075 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS50 ADAM-TECH-RF2050DAS50 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050DAS75 ADAM-TECH-RF2050DAS75 Datasheet
154Kb / 1P
   RF CONNECTORS
RF2050P0050 ADAM-TECH-RF2050P0050 Datasheet
154Kb / 1P
   RF CONNECTORS
More results

Similar Description - RF2053TR13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX8410L TI1-LMX8410L Datasheet
1Mb / 63P
[Old version datasheet]   High-Performance Mixer With Integrated Synthesizer
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
RF Micro Devices
RFFC2071 RFMD-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
Qorvo, Inc
RFFC2071A QORVO-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
logo
RF Micro Devices
RFFC2071A RFMD-RFFC2071A Datasheet
2Mb / 22P
   2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
RF2052 RFMD-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Qorvo, Inc
RF2052 QORVO-RF2052 Datasheet
1Mb / 37P
   HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXER
logo
Asahi Kasei Microsystem...
AK1575 AKM-AK1575 Datasheet
1Mb / 35P
   Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com